Electronic Components Datasheet Search
  English  ▼

X  

K8DT-AS2CD Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # K8DT-AS2CD
Description  Single-phase Current Relay
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8DT-AS2CD Datasheet(HTML) 1 Page - Omron Electronics LLC

  K8DT-AS2CD Datasheet HTML 1Page - Omron Electronics LLC K8DT-AS2CD Datasheet HTML 2Page - Omron Electronics LLC K8DT-AS2CD Datasheet HTML 3Page - Omron Electronics LLC K8DT-AS2CD Datasheet HTML 4Page - Omron Electronics LLC K8DT-AS2CD Datasheet HTML 5Page - Omron Electronics LLC K8DT-AS2CD Datasheet HTML 6Page - Omron Electronics LLC K8DT-AS2CD Datasheet HTML 7Page - Omron Electronics LLC K8DT-AS2CD Datasheet HTML 8Page - Omron Electronics LLC K8DT-AS2CD Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
New Product
Single-phase Current Relay
K8DT-AS
Detect errors in motors and other equipment
through current changes.
Use in either overcurrent or undercurrent mode.
• Monitor AC or DC currents with one Relay.
• Use with commercially available CTs (CT secondary side: 0 to 1 A or 0 to 5 A).
• Settings for the operating value, hysteresis, startup lock time, and operating time.
• Width of 17.5 mm to reduce space required in panels.
• Push-In Plus Terminal that reduce wiring work.
The use of cage clamps enables wiring with bare stranded wires.
Double-insertion holes for crossover wiring (all terminals).
• UL listed for easy shipping to North America.
• Models added with transistor outputs for superior contact reliability.
Ordering Information
Single-phase Current Relay
* The K8DT-AS3@@ is designed to be used in combination with an OMRON K8AC-CT200L Current Transformer (CT). (Direct input is not possible.)
OMRON CT
Commercially Available CTs
*
* If you use a commercially available CT, do not exceed the overload
capacity of the K8DT-AS2.
Options (Order Separately)
Front Cover
Refer to Safety Precautions on page 10.
Refer to page 9 for commonly asked questions.
For the most recent information on models
that have been certified for safety
standards, refer to your OMRON website.
Setting range
Power supply voltage
Output
Model
2 to 20 mA AC/DC,
10 to 100 mA AC/DC,
50 to 500 mA AC/DC
24 VAC/DC
Relay: SPDT contact output
K8DT-AS1CD
Transistor
K8DT-AS1TD
100 to 240 VAC
Relay: SPDT contact output
K8DT-AS1CA
Transistor
K8DT-AS1TA
0.1 to 1 A AC/DC,
0.5 to 5 A AC/DC
24 VAC/DC
Relay: SPDT contact output
K8DT-AS2CD
Transistor
K8DT-AS2TD
100 to 240 VAC
Relay: SPDT contact output
K8DT-AS2CA
Transistor
K8DT-AS2TA
10 to 100 A AC
*,
20 to 200 A AC
*
24 VAC/DC
Relay: SPDT contact output
K8DT-AS3CD
Transistor
K8DT-AS3TD
100 to 240 VAC
Relay: SPDT contact output
K8DT-AS3CA
Transistor
K8DT-AS3TA
Appearance
Input range
Applicable
Relay
Model
10 to 100 A AC,
20 to 200 A AC
K8DT-AS3
K8AC-CT200L
Appearance
CT current on secondary
side
Applicable Relay
0 to 1 A AC,
0 to 5 A AC
K8DT-AS2
Appearance
Model
Y92A-D1A


Similar Part No. - K8DT-AS2CD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8DT-AW OMRON-K8DT-AW Datasheet
3Mb / 16P
Single-phase Overcurrent/Undercurrent Relay
K8DT-AW1CA OMRON-K8DT-AW1CA Datasheet
3Mb / 16P
Single-phase Overcurrent/Undercurrent Relay
K8DT-AW1CD OMRON-K8DT-AW1CD Datasheet
3Mb / 16P
Single-phase Overcurrent/Undercurrent Relay
K8DT-AW1TA OMRON-K8DT-AW1TA Datasheet
3Mb / 16P
Single-phase Overcurrent/Undercurrent Relay
K8DT-AW1TD OMRON-K8DT-AW1TD Datasheet
3Mb / 16P
Single-phase Overcurrent/Undercurrent Relay
More results

Similar Description - K8DT-AS2CD

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HG4506 DBLECTRO-HG4506 Datasheet
46Kb / 2P
Single Phase Motor Starter Relay
logo
Omron Electronics LLC
K8AB-AS OMRON-K8AB-AS Datasheet
906Kb / 10P
Single-phase Current Relay
K8AB-VS OMRON-K8AB-VS Datasheet
959Kb / 10P
Single-phase Voltage Relay
K8AB-VW OMRON-K8AB-VW Datasheet
1,019Kb / 10P
Single-phase Voltage Relay
logo
celduc-relais
SO86596H CELDUC-SO86596H Datasheet
489Kb / 6P
Single phase Power Solid State Relay
logo
Schneider Electric
RM35JA31MW SCHNEIDER-RM35JA31MW Datasheet
162Kb / 7P
Modular 1-phase current control relay
Aug 11, 2020
RM35JA32MW SCHNEIDER-RM35JA32MW Datasheet
162Kb / 7P
Modular 1-phase current control relay
Aug 11, 2020
logo
DONGGUAN YOU FENG WEI E...
KBPC1506 YFWDIODE-KBPC1506 Datasheet
562Kb / 3P
15A HIGH CURRENT SINGLE-PHASE
KBPC2506 YFWDIODE-KBPC2506 Datasheet
562Kb / 3P
25A HIGH CURRENT SINGLE-PHASE
KBPC3506 YFWDIODE-KBPC3506 Datasheet
566Kb / 3P
35A HIGH CURRENT SINGLE-PHASE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com