Electronic Components Datasheet Search
  English  ▼

X  

ACT4533AB Datasheet(PDF) 7 Page - Qorvo, Inc

Part # ACT4533AB
Description  Wide Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4533AB Datasheet(HTML) 7 Page - Qorvo, Inc

Back Button ACT4533AB Datasheet HTML 3Page - Qorvo, Inc ACT4533AB Datasheet HTML 4Page - Qorvo, Inc ACT4533AB Datasheet HTML 5Page - Qorvo, Inc ACT4533AB Datasheet HTML 6Page - Qorvo, Inc ACT4533AB Datasheet HTML 7Page - Qorvo, Inc ACT4533AB Datasheet HTML 8Page - Qorvo, Inc ACT4533AB Datasheet HTML 9Page - Qorvo, Inc ACT4533AB Datasheet HTML 10Page - Qorvo, Inc ACT4533AB Datasheet HTML 11Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Classification | PRIVATE
Data Sheet Rev. B, January 2025 | Subject to change without notice
7 of 19
www.qorvo.com
© 2025 Qorvo US, Inc. All rights reserved. Qorvo Confidential & Proprietary Information
ACT4533A/B
Wide Input Sensorless CC/CV Step-Down DC/DC Converter
APPLICATIONS INFORMATION
Output Voltage Setting
Figure 1: Output Voltage Setting
Figure 1 shows the connections for setting the output
voltage. Select the proper ratio of the two feedback
resistors RFB1 and RFB2 based on the output voltage.
Adding a capacitor in parallel with RFB1 helps the system
stability. Typically, use RFB2 ≈ 10 kΩ and determine
RFB1 from the following equation:
������
= ������
������
0.808������
− 1
(1)
CC Current Setting
ACT4533A/B constant current value is set by a resistor
connected between the ISET pin and GND. The CC
output current is linearly proportional to the current
flowing out of the ISET pin. The voltage at ISET is roughly
1.1 V and the current gain from ISET to output is roughly
21000 (21 mA/1 µA). To determine the proper resistor
for a desired current, please refer to Figure 2 below.
Figure 2: Curve for Programming Output CC Current
CC Current Line Compensation
When operating at constant current mode, the current
limit increases slightly with input voltage. For wide input
voltage applications, a resistor RC may be added
to compensate line change and keep output high CC
accuracy, as shown in Figure 3.
Figure 3: Input Line Compensation
Inductor Selection
The inductor maintains a continuous current to the
output load. This inductor current has a ripple that is
dependent on the inductance value:
Higher inductance reduces the peak-to-peak ripple
current. The trade-off for high inductance value is
the increase in inductor core size and series resistance,
and the reduction in current handling capability. In
general, select an inductance value L based on ripple
current requirement:
������ =
������
× (������ − ������
)
������ ������
������
������
(2)
where VIN is the input voltage, VOUT is the output voltage,
fSW is the switching frequency, ILOADMAX is the maximum
load current, and KRIPPLE is the ripple factor. Typically,
choose KRIPPLE = 30% to correspond to the peak-to-peak
ripple current being 30% of the maximum load current.
With a selected inductor value, the peak-to-peak
inductor current is estimated as:
������
=
������
× (������ − ������
)
������ × ������ × ������
(3)
The peak inductor current is estimated as:
������
= ������
+
1
2
������
(4)
The selected inductor should not saturate at ILPK.
The maximum output current is calculated as:
������
= ������
−
1
2
������
(5)
LLIM is the internal current limit, which is typically 4.5 A,
as shown in the Electrical Characteristics Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com