Electronic Components Datasheet Search
  English  ▼

X  

ACT4533AB Datasheet(PDF) 8 Page - Qorvo, Inc

Part # ACT4533AB
Description  Wide Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4533AB Datasheet(HTML) 8 Page - Qorvo, Inc

Back Button ACT4533AB Datasheet HTML 4Page - Qorvo, Inc ACT4533AB Datasheet HTML 5Page - Qorvo, Inc ACT4533AB Datasheet HTML 6Page - Qorvo, Inc ACT4533AB Datasheet HTML 7Page - Qorvo, Inc ACT4533AB Datasheet HTML 8Page - Qorvo, Inc ACT4533AB Datasheet HTML 9Page - Qorvo, Inc ACT4533AB Datasheet HTML 10Page - Qorvo, Inc ACT4533AB Datasheet HTML 11Page - Qorvo, Inc ACT4533AB Datasheet HTML 12Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Classification | PRIVATE
Data Sheet Rev. B, January 2025 | Subject to change without notice
8 of 19
www.qorvo.com
© 2025 Qorvo US, Inc. All rights reserved. Qorvo Confidential & Proprietary Information
ACT4533A/B
Wide Input Sensorless CC/CV Step-Down DC/DC Converter
External High Voltage Bias Diode
It is recommended that an external High Voltage Bias
diode be added when the system has a 5 V fixed input
or the power supply generates a 5 V output. This helps
improve the efficiency of the regulator. The High
Voltage Bias diode can be a low cost one such as
IN4148 or BAT54.
Figure 4: External High Voltage Bias Diode
This diode is also recommended for high duty cycle
operation and high output voltage applications.
Input Capacitor
The input capacitor needs to be carefully selected to
maintain sufficiently low ripple at the supply input of the
converter. A low ESR capacitor is highly recommended.
Since large current flows in and out of this capacitor
during switching, its ESR also affects efficiency.
The input capacitance needs to be higher than 10 µF.
The best choice is the ceramic type, however, low ESR
tantalum or electrolytic types may also be used provided
that the RMS ripple current rating is higher than 50%
of the output current. The input capacitor should be
placed close to the IN and G pins of the IC, with the
shortest traces possible. In the case of tantalum or
electrolytic types, they can be further away if a small
parallel 0.1 µF ceramic capacitor is placed right next to
the IC.
Output Capacitor
The output capacitor also needs to have low ESR to
keep low output voltage ripple. The output ripple voltage
is:
������
= ������
× (������
+
×
×
)
(6)
Where IOUTMAX is the maximum output current, KRIPPLE is
the ripple factor, RESR is the ESR of the output capacitor,
fSW is the switching frequency, L is the inductor value,
and COUT is the output capacitance. In the case of
ceramic output capacitors, RESR is very small and does
not contribute to the ripple. Therefore, a lower
capacitance value can be used for ceramic type. In the
case of tantalum or electrolytic capacitors, the ripple
is dominated by RESR multiplied by the ripple current. In
that case, the output capacitor is chosen to have
sufficiently low ESR.
For ceramic output capacitor, typically choose a
capacitance of about 22 µF. For tantalum or electrolytic
capacitors, choose a capacitor with less than
50 mΩ ESR.
Rectifier Diode
Use a Schottky diode as the rectifier to conduct current
when the High-Side Power Switch is off. The Schottky
diode must have current rating higher than the
maximum output current and a reverse voltage rating
higher than the maximum input voltage.
STABILITY COMPENSATION
Figure 5: Stability Compensation
: CCOMP2 is needed only for high ESR output capacitor
The feedback loop of the IC is stabilized by the
components at the COMP pin, as shown in Figure 5.
The DC loop gain of the system is determined by the
following equation:
������
=
0.808������
������
������
������
(7)
The dominant pole P1 is due to CCOMP:
������
=
������
2������ ������
������
(8)
The second pole P2 is the output pole:
������
=
������
2������ ������
������
(9)
The first zero Z1 is due to RCOMP and CCOMP:
������
=
1
2������ ������
������
(10)
And finally, the third pole is due to RCOMP and CCOMP2
(if CCOMP2 is used):
������
=
1
2������ ������
������
(11)
The following steps should be used to compensate
the IC:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com