Electronic Components Datasheet Search
  English  ▼

X  

ACT5101 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # ACT5101
Description  23V Buck-Boost Converter with Integrated MOSFETs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT5101 Datasheet(HTML) 1 Page - Qorvo, Inc

  ACT5101 Datasheet HTML 1Page - Qorvo, Inc ACT5101 Datasheet HTML 2Page - Qorvo, Inc ACT5101 Datasheet HTML 3Page - Qorvo, Inc ACT5101 Datasheet HTML 4Page - Qorvo, Inc ACT5101 Datasheet HTML 5Page - Qorvo, Inc ACT5101 Datasheet HTML 6Page - Qorvo, Inc ACT5101 Datasheet HTML 7Page - Qorvo, Inc ACT5101 Datasheet HTML 8Page - Qorvo, Inc ACT5101 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
ACT510x
23V Buck-Boost Converter with Integrated MOSFETs
Data Sheet Rev. E, November 2019 | Subject to change without notice
1 of 59
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
BENEFITS and FEATURES
• Buck-Boost Converter with 4 Integrated Switches
• Wide VIN Range: 3.9V to 23V (No Dead Zone)
• Wide VOUT Range: 3.0V to 23V
• Supports QC3.0 / USB PD + PPS output levels and
transition times
• Programmable Frequency: 125KHz, 250KHz,
500kHz, and 1MHz
• 2V ~ 5.1V/100mA Programmable Output LDO
• Precision 0.5% Voltage Reference
• +/-4% Output Constant Current Regulation
• Programmable Output Voltage and Currents via
both IC pins and I2C
• Programmable Soft-Start
• Programmable Safety Timer
• Cycle-by-Cycle Current Limit
• Built in ADC for Temperature, Input and Output Volt-
age and Current monitoring
• Thermal Regulation and Protection
• 25mΩ FET from VIN to SW1
• 25mΩ FET from SW2 to VOUT
• 35mΩ FET from SW1 to PGND
• 35mΩ FET from SW2 to PGND
• Thermally Enhanced 32-Lead 4mx4mm QFN
APPLICATIONS
• Car Charger
• Power Bank
• 24V Industrial Applications
• Automotive Power Systems
• Multiple Power Source Supplies
• DC UPS
• Solar Powered Devices
• Solid-State Lighting
GENERAL DESCRIPTION
The ACT510x is a buck-boost converter with 4 inte-
grated MOSFETs. It offers a high efficiency, low com-
ponent count, compact solution for a wide input voltage:
3.9V to 23V
The 4 internal low resistance NMOS switches minimize
the size of the application circuit and reduce power
losses to maximize efficiency. Internal high side gate
drivers, which require only the addition of two small ex-
ternal capacitors, further simplify the design process. An
advanced switch control algorithm allows the buck-
boost converter to maintain output voltage regulation
with input voltages that are above, below or equal to the
output voltage. Transitions between these operating
modes are seamless and free of transients and subhar-
monic switching.
The ACT510x has been optimized to reduce input cur-
rent in shipping, shutdown, and standby for applications
which are sensitive to quiescent current draw, such as
battery-powered devices.
The ACT510x output voltage can be set between 3V ~
23V which can be configured by either I2C (ACT5101)
or an external resistor divider (ACT5102). The output
constant current limit and cord compensation makes it
flexible for any kinds of protocols such as USB PD, QC
3.0/4.0 etc. The system can be monitored and config-
ured by I2C as well. The build-in ADC can be read for
the information of input/output voltages and currents,
and the die temperature.
ACT510x integrates a 100mA LDO with OCP/UVLO
protection to provide power for the MCU and other pe-
ripheral components inside the system.
The ACT510x operation frequency can be configured
from 125 kHz to 1MHz, making the system design flex-
ible for components size and efficiency optimization.
The ACT510x has been optimized to reduce input cur-
rent for applications which are sensitive to quiescent
current draw, such as battery-powered devices.
The AC510x is available in 32-pin, 4 x 4 mm FCOL QFN
package.


Similar Part No. - ACT5101

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT5101-1 AEROFLEX-ACT5101-1 Datasheet
237Kb / 12P
ACT5101-1 HIGH VOLTAGE 3-PHASE BRUSHLESS DC MOTOR DRIVE
logo
Active-Semi, Inc
ACT5101QI101-T ACTIVE-SEMI-ACT5101QI101-T Datasheet
578Kb / 37P
23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
More results

Similar Description - ACT5101

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5073 MAXIM-MAX5073 Datasheet
473Kb / 25P
2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
Rev 2; 2/06
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
Buck-Boost Converter
logo
Rohm
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
Boost Converter with Integrated FET
BD8306MUV ROHM-BD8306MUV Datasheet
1Mb / 29P
Integrated 2.0A MOSFET 1ch Buck-Boost Converter
logo
Allegro MicroSystems
A4450 ALLEGRO-A4450 Datasheet
680Kb / 34P
Buck-Boost Controller with Integrated Buck MOSFET
logo
Active-Semi, Inc
ACT510X ACTIVE-SEMI-ACT510X Datasheet
578Kb / 37P
23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
ACT2861QI ACTIVE-SEMI-ACT2861QI Datasheet
4Mb / 91P
30V Buck-Boost Charger with Integrated MOSFETs and OTG
Rev 2.0, 27-Apr-2018
logo
Lite-On Technology Corp...
LSP5526 LITEON-LSP5526 Datasheet
605Kb / 15P
2A 23V Synchronous Buck Converter
logo
Maxim Integrated Produc...
MAX5073 MAXIM-MAX5073_V01 Datasheet
869Kb / 24P
2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
2014
logo
Diodes Incorporated
LSP5526 DIODES-LSP5526 Datasheet
812Kb / 17P
2A 23V Synchronous Buck Converter
Rev. 9 - 2 July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com