Electronic Components Datasheet Search
  English  ▼

X  

ACT5101 Datasheet(PDF) 5 Page - Qorvo, Inc

Part # ACT5101
Description  23V Buck-Boost Converter with Integrated MOSFETs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT5101 Datasheet(HTML) 5 Page - Qorvo, Inc

  ACT5101 Datasheet HTML 1Page - Qorvo, Inc ACT5101 Datasheet HTML 2Page - Qorvo, Inc ACT5101 Datasheet HTML 3Page - Qorvo, Inc ACT5101 Datasheet HTML 4Page - Qorvo, Inc ACT5101 Datasheet HTML 5Page - Qorvo, Inc ACT5101 Datasheet HTML 6Page - Qorvo, Inc ACT5101 Datasheet HTML 7Page - Qorvo, Inc ACT5101 Datasheet HTML 8Page - Qorvo, Inc ACT5101 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
5 of 59
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT510x
23V Buck-Boost Converter with Integrated MOSFETs
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1, 9, 32
AGND
Analog Ground. Kelvin connect AGND to the PGND plane.
2
NC
No Connect. Connect this pin to AGND.
3
INTBP
Internal Voltage Bypass - Connect a 100nF ceramic capacitor between INTBP and AGND
4
VREG
Internal VREG LDO output. The output voltage is programmable from 2V to 5.1V. Connect a 1.0uF
between VREG and AGND. The maximum current capability for this pin is 100mA.
5, 20
PGND
Power Ground. Connect to large ground plane on PCB with thermal vias.
6
SDA
I2C Data Input and Output. Needs an external pull up resistor.
7
SCL
I2C Clock Input. Needs an external pull up resistor.
8
EN
Enable Input. The converter is enabled when EN is pulled high and disabled when EN is pulled low.
10
nIRQ
Interrupt Open-Drain Output. nIRQ goes low to indicate a fault condition. nIRQ is referenced to
AGND.
11
ILIM
Input current limit setting pin. Connect a resistor from ILIM to AGND to program the maximum input
current.
12
VINS
Input Voltage Sense Input – Kelvin connect to the input voltage input capacitors.
13
ISRP
Input current sense resistor positive input.
14
ISRN
Input current sense resistor negative input.
15
HSB2
High Side Bias Boot-strap pin. This provides power to the internal high-side MOSFET gate driver
circuitry. Connect a 47nF capacitor from HSB2 to SW2 pin
16, 17
VIN
Power Input pins. Connect these pins to 22uF-100uF ceramic capacitors placed as close to the IC
as possible.
18, 19
SW2
Power switching output to external inductor.
21, 22
SW1
Power switching output to external inductor.
23, 24
VOUT
Output voltage pins. Place 22uF to 44uF decoupling capacitors between VOUT and PGND.
25
HSB1
High Side Bias Boot-strap pin. This provides power to the internal high-side MOSFET gate driver
circuitry. Connect a 47nF capacitor from HSB1 to SW1 pin
26
OSRN
Output current sense resistor negative input
27
OSRP
Output current sense resistor positive input.
28
STAT
Open drain status output to indicate various IC operating conditions. A LOW indicates the converter is
enabled and has a valid output. A HIZ indicates the converter is disabled for any reason
29
OLIM
Output constant current limit setting pin. Connect a resistor from OLIM to AGND to program the
output current.
30
(ACT5101)
A2D
A2D input pin
30
(ACT5102)
FB
Output voltage feedback pin.
31
COMP
Error Amplifier Output. This pin is used to compensate the converter.
Exposed
Pad
PGND
Power Ground. Connect to large ground plane on PCB with thermal vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com