Electronic Components Datasheet Search
  English  ▼

X  

ACT88411 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # ACT88411
Description  Power Loss Protection with Power Management
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88411 Datasheet(HTML) 3 Page - Qorvo, Inc

  ACT88411 Datasheet HTML 1Page - Qorvo, Inc ACT88411 Datasheet HTML 2Page - Qorvo, Inc ACT88411 Datasheet HTML 3Page - Qorvo, Inc ACT88411 Datasheet HTML 4Page - Qorvo, Inc ACT88411 Datasheet HTML 5Page - Qorvo, Inc ACT88411 Datasheet HTML 6Page - Qorvo, Inc ACT88411 Datasheet HTML 7Page - Qorvo, Inc ACT88411 Datasheet HTML 8Page - Qorvo, Inc ACT88411 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ACT85411
Power Loss Protection with Power Management
ACT85411 Datasheet Brief, Rev. A March 2025
3 of 10
www.qorvo.com
®
© 2025 Qorvo US, Inc. – All Rights Reserved
eFuse & Inrush
Control
VIN
(2.7~14.4V)
VBUS
Blocking
FET
CSYS
eFuse
FETS
Ext
DC-DC
Step Down
Regulator 1
Step Down
Regulator 2
VFB2, 10A (12A Peak)
– 5.2V
VFB1, 10A (12A Peak)
– 5.2V
BUCK / BOOST
CONTROLLER
ADC + Monitors
Storage
Caps
5~31V
(2.7~14.4V)
MASTER +
GPIOS
GPIO1
GPIO2
VCC5
VCC
5.0V
GPIO3
GPIO4
GPIO5
GPIO6
Buck-Boost
VBBST (Up to 1A)
– 16V
SCL
SDA
LDO
– 3.6V
200mA
3.3V
AUX
PLI
PG_STR
EN/nDISCHG
VSTR
PGND
SWPLP
VSPL
ACT85411
GPIO
EN
ISNS
ISNS+/GPIO4
ISNS-/GPIO3
VSNSEXT
ISNS
VSNSINT
Vref
REG
VREGNTC/
(GPIO1)
FB
Figure 1: ACT85411 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com