Electronic Components Datasheet Search
  English  ▼

X  

ACT88420 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # ACT88420
Description  Advanced PMIC with 4 Bucks, 2 LDO, and Load Bypass Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88420 Datasheet(HTML) 3 Page - Qorvo, Inc

  ACT88420 Datasheet HTML 1Page - Qorvo, Inc ACT88420 Datasheet HTML 2Page - Qorvo, Inc ACT88420 Datasheet HTML 3Page - Qorvo, Inc ACT88420 Datasheet HTML 4Page - Qorvo, Inc ACT88420 Datasheet HTML 5Page - Qorvo, Inc ACT88420 Datasheet HTML 6Page - Qorvo, Inc ACT88420 Datasheet HTML 7Page - Qorvo, Inc ACT88420 Datasheet HTML 8Page - Qorvo, Inc ACT88420 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ACT88420
Advanced PMIC with 4 Bucks, 2 LDO,
and Load Bypass Switches
ACT88420 Datasheet Brief, Rev. B, December 2023
3 of 10
www.qorvo.com
®
TYPICAL APPLICATION DIAGRAM
LDO1 400mA /
Load Switch 1A
BUCK 1 / LSW 4A
BUCK 2 2A
BUCK 4 2A /
LDO 400mA
I
2C
GPIOs
PG
External
DC/DC
ENABLE
System
BUCK 3 4A
ACT88420
LDO2 / LSW 400mA
2.7V ~ 5.5V Input
Figure 1: Typical Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com