Electronic Components Datasheet Search
  English  ▼

X  

CORTEX-M55 Datasheet(PDF) 9 Page - Arm Limited (or its affiliates).

Part # CORTEX-M55
Description  Arm Cortex-M55 Processor Datasheet
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M55 Datasheet(HTML) 9 Page - Arm Limited (or its affiliates).

Back Button CORTEX-M55 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M55 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M55 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M55 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-M55 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-M55 Datasheet HTML 9Page - Arm Limited (or its affiliates). CORTEX-M55 Datasheet HTML 10Page - Arm Limited (or its affiliates). CORTEX-M55 Datasheet HTML 11Page - Arm Limited (or its affiliates). CORTEX-M55 Datasheet HTML 12Page - Arm Limited (or its affiliates).  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Arm Corstone-300 Reference Design
The
Arm Corstone-300 is the ultimate starting point for integrating the Cortex-M55 and
the Ethos‑U55 (optional) processors into an SoC with the lowest risk and development cost.
It includes various system IP components and a reference design integrating the processor,
security and system IP, as well as a range of software and development tools.
The Corstone‑300 simplifies security implementation with an optimized AXI5 system for
Arm TrustZone technology, and easier porting to Trusted Firmware‑M, accelerating the
route to PSA Certified silicon and devices.
Implementation of an Arm‑defined system architecture
Integration of the main components
Extensively verified
Broad software roadmap
Build your SoC on top of it
Configurable and modifiable
Tailor it to specific needs
Accelerates PSA Certified
Silicon‑proven
Figure 3: Corstone reference design diagram
Floating-point
Floating-point
Floating-point included
Processor Configuration Options
The Cortex‑M55 processor has configurable options that can be set during the
implementation and integration stages to match functional requirements
MVE when floating-point is not
included
Helium included
Integer subset of Helium included
MVE when floating-point
is included
Helium not included
Integer subset of Helium included
Integer, half-precision and single-precision Helium included
Feature
Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com