Electronic Components Datasheet Search
  English  ▼

X  

CORTEX-M55 Datasheet(PDF) 1 Page - Arm Limited (or its affiliates).

Part # CORTEX-M55
Description  Arm Cortex-M55 Processor Datasheet
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M55 Datasheet(HTML) 1 Page - Arm Limited (or its affiliates).

  CORTEX-M55 Datasheet HTML 1Page - Arm Limited (or its affiliates). CORTEX-M55 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-M55 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-M55 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M55 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M55 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M55 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-M55 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-M55 Datasheet HTML 9Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Arm Cortex-M55 Processor Datasheet
Datasheet
Figure 1:
Block diagram of the
Cortex-M55 processor
Overview
The Arm Cortex-M55 processor is a fully synthesizable, mid-range, microcontroller-class
processor that implements the Armv8.1-M mainline architecture and includes support for
the M‑profile Vector Extension (MVE), also known as
Arm Helium technology. It’s Arm’s
most AI‑capable Cortex‑M processor, delivering enhanced, energy‑efficient digital signal
processing (DSP) and machine learning (ML) performance. The Cortex‑M55 processor
achieves high compute performance across scalar and vector operations, while maintaining
low energy consumption.
Features
Feature
Description
Architecture
Armv8.1-M
Bus interface
AMBA 5 AXI5 64-bit master (compatible to AXI4 IPs)
Pipeline
4-stages (for main integer pipeline)
Security
Arm TrustZone technology (optional)
DSP Extension
32-bit DSP/SIMD Extension
MVE
Helium (optional)
Floating-point Unit
FPU (optional)
Coprcessor Interface
64-bit (optional)
Instruction cache
Up to 64KB with error correction code
(ECC) (optional)
Data cache
Up to 64KB with ECC (optional)
Instruction TCM (ITCM)
Up to 16MB with ECC (optional)
Data TCM (DTCM)
Up to 16MB with ECC (optional)
Interrupts
Up to 480 interrupts + Non-maskable interrupt (NMI)
Wake-up Interrupt
Controller (WIC)
Internal and/or external (optional)
Multiply-accumulate (MAC) / cycle
Up to:
2 x 32-bit MACs/cycle
4 x 16-bit MACs/cycle
8 x 8-bit MACs/cycle
Sleep modes
Multiple power domains, sleep modes (sleep and deep sleep), sleep-on-
exit, optional retention support for memories and logic
Debug
Hardware and software breakpoints, Performance Monitoring Unit
(PMU)
February, 2020


Similar Part No. - CORTEX-M55

ManufacturerPart #DatasheetDescription
logo
Arm Limited (or its aff...
CORTEX-M0 ARM-CORTEX-M0 Datasheet
1Mb / 7P
Arm Cortex-M0 Processor Datasheet
CORTEX-M23 ARM-CORTEX-M23 Datasheet
1Mb / 9P
Arm Cortex-M23 Processor Datasheet
CORTEX-M3 ARM-CORTEX-M3 Datasheet
4Mb / 10P
Arm Cortex-M3 Datasheet
CORTEX-M33 ARM-CORTEX-M33 Datasheet
1Mb / 13P
Arm Cortex-M33 Processor Datasheet
CORTEX-M4 ARM-CORTEX-M4 Datasheet
5Mb / 10P
Arm Cortex-M4 Datasheet
More results

Similar Description - CORTEX-M55

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3S ATMEL-ATSAM3S Datasheet
1Mb / 65P
AT91 ARM Cortex M3-based Processor
logo
Analog Devices
ADSP-CM402F AD-ADSP-CM402F Datasheet
2Mb / 84P
Mixed-Signal Control Processor with ARM Cortex-M4
Rev. PrE
logo
List of Unclassifed Man...
IB112 ETC2-IB112 Datasheet
1Mb / 1P
Freescale ARM Cortex-A8, 800MHz industrial-grade processor
logo
Renesas Technology Corp
RZ-T1 RENESAS-RZ-T1 Datasheet
1Mb / 132P
On-chip 32-bit ARM Cortex-R4F processor
EC-1 RENESAS-EC-1 Datasheet
758Kb / 58P
On-chip 32-bit ARM Cortex-R4F processor
logo
List of Unclassifed Man...
NUC131LC2AE ETC2-NUC131LC2AE Datasheet
2Mb / 77P
ARM Cortex
logo
NXP Semiconductors
SCMIMX6DQCEC NXP-SCMIMX6DQCEC Datasheet
1Mb / 30P
ARM Cortex-A9 MPCore 4xCPU processor
Rev. 0 , 02/2016
SCMIMX6DQIEC NXP-SCMIMX6DQIEC Datasheet
1Mb / 32P
ARM Cortex-A9 MPCore 4xCPU processor
Rev. 0 , 01/2017
logo
Beckhoff Automation Gmb...
CX7000 BECKHOFF-CX7000 Datasheet
121Kb / 3P
Embedded PC with ARM Cortex??M7 processor
logo
Rockchip Electronics Co...
RV1108 ROCKCHIP-RV1108 Datasheet
2Mb / 68P
Single-core ARM Cortex-A7 Core processor
Revision 1.4 June. 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com