Electronic Components Datasheet Search
  English  ▼

X  

USB-2-IOL-0002 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # USB-2-IOL-0002
Description  Environment-resistive Remote Terminal NXR-series IO-Link Master Unit for EtherCAT®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

USB-2-IOL-0002 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button USB-2-IOL-0002 Datasheet HTML 5Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 6Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 7Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 8Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 9Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 10Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 11Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 12Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
NXR-ILM08C-ECT
9
General Specifications
*1. Refer to the OMRON website (www.ia.omron.com) or ask your OMRON representative for the most recent applicable standards.
Item
Specification
Degree of protection
IP67
Operating
environment
Ambient operating temperature
-10 to 55°C
Ambient operating humidity
25% to 85% (with no condensation)
Ambient operating atmosphere
Must be free from corrosive gases.
Storage temperature
-25 to 65°C
Storage humidity
25% to 85% (with no condensation)
Altitude
2,000 m max.
Pollution degree
3 or less: Conforms to IEC 61010-2-201.
Noise immunity
2 kV on power supply line (Conforms to IEC 61000-4-4.)
Overvoltage category
Category II: Conforms to IEC 61010-2-201.
EMC immunity level
Zone B
Vibration resistance
10 to 60 Hz with amplitude of 0.35 mm, 60 to 150 Hz and 50 m/s2
for 80 minutes each in X, Y, and Z directions.
Shock resistance
150 m/s2, 3 times each in 6 directions along X, Y, and Z axes
Dielectric strength
600 VAC (between isolated circuits)
Insulation resistance
20 MΩ min. (between isolated circuits)
Applicable standards *1
cULus: Listed (UL61010-2-201)
EU: EN 61131-2, RCM
KC: KC Registration
UKCA
IO-Link conformance
EtherCAT conformance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com