Electronic Components Datasheet Search
  English  ▼

X  

USB-2-IOL-0002 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # USB-2-IOL-0002
Description  Environment-resistive Remote Terminal NXR-series IO-Link Master Unit for EtherCAT®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

USB-2-IOL-0002 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button USB-2-IOL-0002 Datasheet HTML 8Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 9Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 10Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 11Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 12Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 13Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 14Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 15Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
NXR-ILM08C-ECT
12
*1. Used as a power supply for IO-Link devices or non-IO-Link input devices. Supplies power from the Unit/input power supply of the IO-Link
Master Unit to external devices through I/O connectors.
*2. Detects a short-circuit that occurred between pin 1 and pin 3 to protect the IO-Link Master Unit.
*3. Detects a short-circuit that occurred between pin 2 and pin 3 and between pin 4 and pin 3 to protect the IO-Link Master Unit.
Digital outputs for pin 4 or
digital outputs for pin 2
(in SIO (DO) Mode)
Power supply used
Output power supply
Internal I/O common
PNP
Output type
Open-drain
Rated voltage
24 VDC (20.4 to 26.4 VDC)
Maximum load current
2 A/pin
Leakage current
0.1 mA max.
Residual voltage
1.5 V max.
ON/OFF response time
1.0 ms max.
Short-circuit protection
Provided *3
Short-circuit detection
Provided *3
Current consumption
Unit/input power supply
60 mA
Output power supply
100 mA
Weight
440 g
Dimensions
240 × 24.2 × 62 mm (W × H × D)
(The height is 38 mm when the connectors are included.)
Isolation method
No isolation
Circuit layout
Item
Specification
L+(Pin1)
U/IN P+
U/IN P-
U/IN P+
U/IN P-
OUT P+
OUT P-
OUT P+
OUT P-
C/Q(Pin4)
I/Q(Pin2)
L-(Pin3)
L+(Pin1)
C/Q(Pin4)
I/Q(Pin2)
L-(Pin3)
Internal
circuits
Non-isolated
power supply
circuits
IO-Link
circuits/
input
circuits
Output
circuits
I/O
connector
P1
I/O
connector
P8
EtherCAT communications
connector (input)
EtherCAT communications
connector (output)
Power supply
connector (input)
(PWR IN)
Power supply
connector (output)
(PWR OUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com