Electronic Components Datasheet Search
  English  ▼

X  

GG2021 Datasheet(PDF) 7 Page - Jewel Hill Electronic

Part # GG2021
Description  SPECIFICATIONS FOR LCD MODULE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

GG2021 Datasheet(HTML) 7 Page - Jewel Hill Electronic

Back Button GG2021 Datasheet HTML 3Page - Jewel Hill Electronic GG2021 Datasheet HTML 4Page - Jewel Hill Electronic GG2021 Datasheet HTML 5Page - Jewel Hill Electronic GG2021 Datasheet HTML 6Page - Jewel Hill Electronic GG2021 Datasheet HTML 7Page - Jewel Hill Electronic GG2021 Datasheet HTML 8Page - Jewel Hill Electronic GG2021 Datasheet HTML 9Page - Jewel Hill Electronic GG2021 Datasheet HTML 10Page - Jewel Hill Electronic GG2021 Datasheet HTML 11Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
JEWEL HILL ELECTRONIC CO.,LTD.
7. MODULE FUNCTION DESCRIPTION
7.1. PIN DESCRIPTION
Pin No.
Symbol
Description
1
/CS1
Chip select signal input, Low active.
2
/RES
Reset signal input, Low active
3
A0
Data/command select signal input, H: Data; L: Command
4
WR
When use 8080 MPU, this is active Low and Write signal input pin.
When use 6800 MPU, H: Read; L: Write.
5
RD
When use 8080 MPU, this is active Low and Read signal input pin.
When use 6800 MPU, this is active High and Enable Clock input pin.
6
D0
7
D1
8
D2
9
D3
10
D4
11
D5
12
D6
13
D7
8-bit bi-directional Data bus.
when “P/S=L”, D0-D5 fixed to “H”.
D6 is serial clock input (SCL), D7 is serial data input (SDA).
14
VDD
Power supply for Positive (+3V).
15
VSS
Power supply for Ground (0V).
16
VOUT
DC/DC voltage converter. Connect a capacitor between this pin and VDD
or VSS.
17
CAP5+
DC/DC voltage converter. When use 6-times voltage converter, connect a
capacitor between this pin and CAP1-.
18
CAP3+
DC/DC voltage converter. Connect a capacitor between this pin and
CAP1-.
19
CAP1-
DC/DC voltage converter. Connect a capacitor between this pin and
CAP1+.
20
CAP1+
DC/DC voltage converter. Connect a capacitor between this pin and
CAP1-.
GG2021
VER: 2.0
- 6 -
Issue date: 2005/11/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com