Electronic Components Datasheet Search
  English  ▼

X  

GG2021 Datasheet(PDF) 8 Page - Jewel Hill Electronic

Part # GG2021
Description  SPECIFICATIONS FOR LCD MODULE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

GG2021 Datasheet(HTML) 8 Page - Jewel Hill Electronic

Back Button GG2021 Datasheet HTML 4Page - Jewel Hill Electronic GG2021 Datasheet HTML 5Page - Jewel Hill Electronic GG2021 Datasheet HTML 6Page - Jewel Hill Electronic GG2021 Datasheet HTML 7Page - Jewel Hill Electronic GG2021 Datasheet HTML 8Page - Jewel Hill Electronic GG2021 Datasheet HTML 9Page - Jewel Hill Electronic GG2021 Datasheet HTML 10Page - Jewel Hill Electronic GG2021 Datasheet HTML 11Page - Jewel Hill Electronic GG2021 Datasheet HTML 12Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
JEWEL HILL ELECTRONIC CO.,LTD.
21
CAP2+
DC/DC voltage converter. Connect a capacitor between this pin and
CAP2-.
22
CAP2-
DC/DC voltage converter. Connect a capacitor between this pin and
CAP2+.
23
CAP4+
DC/DC voltage converter. When use 5-times voltage converter, connect a
capacitor between this pin and CAP2-.
24
VRS
Internal-output VREG power supply for LCD power supply, normal is
NC.
25
V1
26
V2
27
V3
28
V4
29
V0
This is multi-level power supply for liquid crystal driver, and must
maintain the relative magnitudes shown below:
V0 ≧V1 ≧V2 ≧V3 ≧V4 ≧Vss
30
VR
Output voltage regulator pin. When “IRS=H”, this pin is NC, when
“IRS=L”, connect a regulation resistance between VSS and V5.
31
C86
MPU interface select pin, “H”: 6800 MPU interface, “L”:8080 MPU
interface. When “P/S=L”, this pin fixed to “H” or “L”.
32
P/S
Parallel/serial data input select.
“H”: Parallel data input; “L”: Serial data input.
33
HPM
Power control pin for power supply circuit.
“H”: normal mode; “L”: high power mode.
34
IRS
V5 voltage level adjustment resistor select.
“H”: internal resistor use, L”: external resistor use by VR pin.
GG2021
VER: 2.0
- 7 -
Issue date: 2005/11/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com