Electronic Components Datasheet Search
  English  ▼

X  

DS718PLUS Datasheet(PDF) 1 Page - Synology Inc.

Part # DS718PLUS
Description  DiskStation DS718
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS718PLUS Datasheet(HTML) 1 Page - Synology Inc.

  DS718PLUS Datasheet HTML 1Page - Synology Inc. DS718PLUS Datasheet HTML 2Page - Synology Inc. DS718PLUS Datasheet HTML 3Page - Synology Inc. DS718PLUS Datasheet HTML 4Page - Synology Inc. DS718PLUS Datasheet HTML 5Page - Synology Inc. DS718PLUS Datasheet HTML 6Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Synology DiskStation DS718+ features a quad-core processor with AES-NI hardware encryption engine,
providing outstanding performance and data encryption acceleration along with real-time transcoding
of 4K content. DS718+ is ideal for protecting critical assets, and sharing files across different platforms.
Synology DS718+ is backed with Synology’s 3-year limited warranty.
DiskStation
DS718+
Highlights
• Powerful and scalable 2-bay NAS for
growing businesses
• Encrypted sequential throughput
performance at over 226 MB/s reading
and 184 MB/s writing1
• Quad-core processor with AES-NI
hardware encryption engine
• 2 GB DDR3L memory (scalable up to 6
GB)
• Dual 1GbE LAN with failover and Link
Aggregation support
• Scalable up to 7 drives with Synology
DX5172
• Advanced Btrfs file system offering
65,000 system-wide snapshots and
1,024 snapshots per shared folder
• Two channels H.265/H.264 support 4K
video transcoding on the fly3
Compact Storage with Outstanding Performance
DS718+ is designed for small or growing businesses pursuing a compact and powerful
shared storage solution, offering the flexibility to expand the 2 GB RAM to up to 6 GB
RAM to process intensive workloads. Featuring a quad-core 1.5 GHz processor with
a burst frequency of 2.3 GHz, DS718+ delivers up to 226 MB/s reading and 188 MB/s
writing under RAID 1 configuration, and delivers up to 226 MB/s reading and 184 MB/s
writing even under encrypted data transmission1.
DS718+ comes with three USB 3.0 ports and dual Gigabit LAN ports supporting
failover and Link Aggregation modes. The 2-bay DS718+ can support up to 7 drives with
Synology DX5172 expansion unit.
Btrfs: Next Generation Storage
DS718+ integrates the Btrfs file system, bringing the most advanced storage
technologies to meet the management needs of modern businesses:
• Flexible Shared Folder/User Quota System provides comprehensive quota control on
all user accounts and shared folders.
• Advanced snapshot technology with customizable backup schedule allows up to
1,024 copies of shared folder backups and 65,000 copies of system-wide snapshots,
without occupying huge storage capacity and system resources.
• File or folder level data restoration brings huge convenience and saves time for users
who wish to restore only a specific single file or folder.
• File self-healing: Btrfs file system can auto-detect corrupted files with mirrored
metadata, and recover broken data using the supported RAID volumes, which include
RAID 1, 5, 6, and 10.


Similar Part No. - DS718PLUS

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
DS7100SK IRI-DS7100SK Datasheet
811Kb / 4P
STANDARD RECOVERY DIODE
logo
Synology Inc.
DS712PLUS SYNOLOGY-DS712PLUS Datasheet
874Kb / 2P
Synology DiskStation DS712
DS713PLUS SYNOLOGY-DS713PLUS Datasheet
1Mb / 4P
DiskStation DS713
DS715 SYNOLOGY-DS715 Datasheet
632Kb / 4P
DiskStation DS715
DS716PLUS SYNOLOGY-DS716PLUS Datasheet
643Kb / 4P
DiskStation DS716
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com