Electronic Components Datasheet Search
  English  ▼

X  

DS718PLUS Datasheet(PDF) 2 Page - Synology Inc.

Part # DS718PLUS
Description  DiskStation DS718
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS718PLUS Datasheet(HTML) 2 Page - Synology Inc.

  DS718PLUS Datasheet HTML 1Page - Synology Inc. DS718PLUS Datasheet HTML 2Page - Synology Inc. DS718PLUS Datasheet HTML 3Page - Synology Inc. DS718PLUS Datasheet HTML 4Page - Synology Inc. DS718PLUS Datasheet HTML 5Page - Synology Inc. DS718PLUS Datasheet HTML 6Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Comprehensive Business Applications
Powered by the innovative Synology DiskStation Manager (DSM), DS718+ comes
fully-equipped with applications and features designed specifically for small or growing
businesses:
• Windows® AD and LDAP support allow easy integration with existing business
directory services without recreating user accounts.
• Windows ACL support provides fine-grained access control and efficient privilege
settings, allowing DS718+ to fit seamlessly into current infrastructure.
• Internet file access is simplified by the encrypted FTP server and Synology File Station,
a web-based file explorer. HTTPS, firewall, and IP auto-block support ensure file sharing
over the Internet is protected with a high level of security.
• Application Privileges controls access to applications and packages based on each
individual account, user group, or IP address.
• MailPlus allows your business to set up a secure, reliable, and private mail server while
giving your employees a modern mail client for receiving and sending messages.
• The powerful Collaboration Suite integrates Synology Office, Calendar and Chat,
ensuring secure and high-performance private communications and allowing your
organizations to easily manage and control the relevant content.
Personal Multimedia Library
Synology DiskStation DS718+ features real-time H.264/H.265 4K video transcoding
of up to two channels3, bringing comprehensive support to the latest multimedia
file formats and contents and allowing easy file sharing across Windows®, Mac®, and
Linux® platforms. With Video Station, you can organize personal digital video library
with comprehensive media information and watch 4K Ultra HD movies and films.
Photo Station allows you to effortlessly organize photos into customized categories,
smart albums and blog posts, and link them to social networking websites within a few
clicks. Audio Station comes with Internet radio and lossless audio formats support and
provides music playback via DLNA or AirPlay-compliant devices.
24/7 Smart Security Solution
Featuring user-friendly video management tools and an intuitive desktop-like interface,
Synology Surveillance Station is a reliable private-security solution that can support
multiple IP cameras connected to DS718+. Surveillance Station features optimized live
view together with streamlined real-time monitoring. Its powerful analytics, such as
motion detection and alert notification, allows you to stay informed of any suspicious
activity with triggers sent via SMS, e-mail, and DS cam mobile application.
4K Ultra HD multimedia library
Real-time H.265/H.264 4K video
transcoding provides hassle-free and
high-quality video playback among
various devices.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com