Electronic Components Datasheet Search
  English  ▼

X  

DS720PLUS Datasheet(PDF) 6 Page - Synology Inc.

Part # DS720PLUS
Description  DiskStation DS720
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS720PLUS Datasheet(HTML) 6 Page - Synology Inc.

  DS720PLUS Datasheet HTML 1Page - Synology Inc. DS720PLUS Datasheet HTML 2Page - Synology Inc. DS720PLUS Datasheet HTML 3Page - Synology Inc. DS720PLUS Datasheet HTML 4Page - Synology Inc. DS720PLUS Datasheet HTML 5Page - Synology Inc. DS720PLUS Datasheet HTML 6Page - Synology Inc. DS720PLUS Datasheet HTML 7Page - Synology Inc. DS720PLUS Datasheet HTML 8Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DATASHEET | DiskStation DS720+
Maximum operating altitude
5,000 m (16,400 ft)
General DSM specification
Networking protocols
SMB, AFP, NFS, FTP, WebDAV, CalDAV, iSCSI, Telnet, SSH, SNMP, VPN (PPTP, OpenVPN™ , L2TP)
File systems
• Internal: Btrfs, ext4
• External: Btrfs, ext4, ext3, FAT, NTFS, HFS+, exFAT6
Supported RAID types
Synology Hybrid RAID (SHR), Basic, JBOD, RAID 0, RAID 1
Storage management
• Maximum single volume size: 108TB
• Maximum system snapshots: 65,5367
• Maximum internal volumes: 64
SSD cache
• Read/write cache support
• M.2 NVMe SSD support
File sharing capabilities
• Maximum local user accounts: 2,048
• Maximum local groups: 256
• Maximum shared folders: 512
• Maximum concurrent SMB/NFS/AFP/FTP connections: 500
Privileges
Windows Access Control List (ACL), application privileges
Directory services
Windows® AD integration: Domain users login via SMB/NFS/AFP/FTP/File Station, LDAP integration
Virtualization
VMware vSphere® 6.5, Microsoft Hyper-V®, Citrix®, OpenStack®
Security
Firewall, shared folder encryption, SMB encryption, FTP over SSL/TLS, SFTP, rsync over SSH, login auto block, Let's Encrypt
support, HTTPS (customizable cipher suite)
Supported clients
Windows® 7 onwards, macOS® 10.12 onwards
Supported browsers
Chrome®, Firefox®, Edge®, Internet Explorer® 10 onwards, Safari® 10 onwards, Safari (iOS 10 onwards), Chrome (Android™ 6.0
onwards) on tablets
Interface languages
English, Deutsch, Français, Italiano, Español, Dansk, Norsk, Svensk, Nederlands, Русский, Polski, Magyar,
Português do Brasil, Português Europeu, Türkçe, Český,
Packages and Applications
File Server & Synchronization
Drive
Synchronizes files across Windows®, macOS®, Linux®, Android™ and iOS. The built-in cross-platform portal allows access to
data anytime and anywhere.
• Maximum number of hosted files: 500,000
• Maximum number of concurrent connections for PC clients: 350
File Station
Provides virtual drives, remote folders, Windows® ACL editor, compression/extraction of archived files, bandwidth control for
specific users/groups, creation of sharing links, and transfer logs.
FTP Server
Supports bandwidth control for TCP connections, custom FTP passive port ranges, anonymous FTP, FTP over TLS/SSL and
SFTP protocols, network booting with TFTP and PXE support, and transfer logs.
Presto File Server8
Enables high-speed data transfer over WAN through the exclusive SITA technology between Synology NAS and desktop.
Cloud Sync
Offers one or two-way synchronization with public cloud storage providers including Alibaba Cloud OSS, Amazon S3-
compatible storage, Backblaze B2, Baidu Cloud, Box, Dropbox, Google Cloud Storage, Google Drive, hubiC, MegaDisk,
Microsoft OneDrive, OpenStack Swift-compatible storage, Tencent COS, WebDAV servers and Yandex Disk.
Universal Search
Enables global search of applications and files.
iSCSI Storage & Virtualization
iSCSI Manager
• Maximum iSCSI targets: 128
• Maximum iSCSI LUNs: 256
• iSCSI LUN clone/snapshot support
Virtual Machine Manager
Deploys and runs various virtual machines on Synology NAS, including Windows®, Linux®, or Virtual DSM
Data Protection & Backup Solution
Hyper Backup
Supports local backup, network backup, and backup data to public clouds
Backup tools
• DSM configuration backup, macOS® Time Machine® support, Synology Drive Client desktop application
• Shared folder sync supports a maximum of 8 tasks
Snapshot Replication
• Maximum number of snapshots for shared folders: 1,024
• Maximum number of replications: 32



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com