Electronic Components Datasheet Search
  English  ▼

X  

DS720PLUS Datasheet(PDF) 7 Page - Synology Inc.

Part # DS720PLUS
Description  DiskStation DS720
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS720PLUS Datasheet(HTML) 7 Page - Synology Inc.

  DS720PLUS Datasheet HTML 1Page - Synology Inc. DS720PLUS Datasheet HTML 2Page - Synology Inc. DS720PLUS Datasheet HTML 3Page - Synology Inc. DS720PLUS Datasheet HTML 4Page - Synology Inc. DS720PLUS Datasheet HTML 5Page - Synology Inc. DS720PLUS Datasheet HTML 6Page - Synology Inc. DS720PLUS Datasheet HTML 7Page - Synology Inc. DS720PLUS Datasheet HTML 8Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DATASHEET | DiskStation DS720+
Synology High Availability
Supports backup and restoration of Google Workspace My Drive, Team Drive, Gmail, Contacts, and Calendar.
Active Backup for Google
Workspace
Supports backup and restoration of Microsoft 365 OneDrive for Business, mail, contacts, and calendar.
Active Backup for Microsoft 365 An all-in-one backup solution designed for heterogeneous business IT environments. It enables IT admins to remotely
manage and protect PCs, servers, and VMs from one centralized console.
Active Backup for Business
All-in-one backup solution designed for heterogeneous business IT environment, enabling IT admins to remotely manage
and monitor protection over PC, servers and VM on one centralized console
Productivity & Collaboration
Collaboration tools
Users can collaborate through the instant messaging service Synology Chat, the online editor Synology Office, and the
scheduling assistant Synology Calendar.
• Maximum users for Chat: 1,500
• Maximum users for Office: 3,400
• Calendar supports CalDAV and access via mobile devices
Note Station
A note taking platform that supports rich text, note organization and versioning, encryption, sharing, media embedding, and
attachments.
Synology MailPlus Server
A secure, reliable, and private mail solution featuring high-availability, load balancing, security, and filtering.
Synology MailPlus
An intuitive webmail interface for Synology MailPlus Server with customizable mail labels, filters, and user interface.
Multimedia
Moments
A feature-rich photo management application that includes AI-powered album creation from facial and subject recognition,
photo editing and sharing capabilities, similar photo detection for duplicate management, auto-editing functions such as
color correction and angle adjustments, and auto-selection of the best shots. Mobile applications are available on iOS and
Android™ devices.
Other packages
Video Station, Photo Station, Audio Station, iTunes® Server
Surveillance
Surveillance Station
Maximum IP cameras: 40, for a total of 1,200 FPS at 720p (H.264).
All-in-One Servers
Synology Directory Server
Provides a flexible and cost-effective domain controller solution.
Central Management System
Provides a single interface to manage and monitor multiple Synology NAS.
VPN Server
• Maximum connections: 30
• Supported VPN protocols: PPTP, OpenVPN™, L2TP/IPSec
Mail Server
• Supported Mail Server protocols: POP3, SMTP, IMAP
• LDAP/AD account support
Mail Station
A webmail interface for Mail Server to receive emails from multiple POP3 mailboxes and SMTP servers.
Web Station
Enables hosting for up to 30 websites with support for PHP/MariaDB® and 3rd-party applications.
Other packages
DNS Server, RADIUS Server, Log Center
Others
Storage Analyzer
Displays volume and quota usage, total size of files, volume usage and trends based on past usage, size of shared folders,
large files, most recently modified files, and least recently accessed files.
Antivirus Essential
Provides full system scans, scheduled scans, white list customization, and auto-update of virus definitions.
iOS/Android™ applications
Synology Drive, Synology MailPlus, Synology LiveCam, Moments, DS audio, DS photo, DS video, DS cam,
DS file, DS finder, DS note
Other packages
Additional 3rd-party packages are available in the Package Center.
Environment and Packaging
Environment safety
RoHS compliant
Package content
• DS720+ main unit x 1
• Quick Installation Guide x 1
• Accessory pack x 1
• AC power adapter x 1
• AC power cord x 1
• RJ-45 LAN cable x 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com