Electronic Components Datasheet Search
  English  ▼

X  

PAC5220 Datasheet(PDF) 22 Page - Qorvo, Inc

Part # PAC5220
Description  Power Application Controller®
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

PAC5220 Datasheet(HTML) 22 Page - Qorvo, Inc

Back Button PAC5220 Datasheet HTML 18Page - Qorvo, Inc PAC5220 Datasheet HTML 19Page - Qorvo, Inc PAC5220 Datasheet HTML 20Page - Qorvo, Inc PAC5220 Datasheet HTML 21Page - Qorvo, Inc PAC5220 Datasheet HTML 22Page - Qorvo, Inc PAC5220 Datasheet HTML 23Page - Qorvo, Inc PAC5220 Datasheet HTML 24Page - Qorvo, Inc PAC5220 Datasheet HTML 25Page - Qorvo, Inc PAC5220 Datasheet HTML 26Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 78 page
background image
PAC5220
Power Application Controller
Data Sheet Rev. 2.3, September 28, 2020
Subject to change without notice
22 of 78
www.qorvo.com
®
10 MULTI-MODE POWER MANAGER (MMPM)
10.1
Features
• Multi-mode switching supply controller configurable as high voltage or ultra-high-voltage buck, AC/DC
• DC supply up to 52V or line AC input
• 4 linear regulators with power and hibernate management
• Power and temperature monitor, warning, and fault detection
10.2
Block Diagram
Figure 10-1 Multi-Mode Power Manager
IMOD
DAC
CSM
CURR
SENSE
DRM
DRIVER
MULTI-MODE POWER MANAGER
VHM
VSSP
PWM
LOGIC
ERROR
AMP
LINEAR
REG
VCCIO
LINEAR
REG
VCC33
LINEAR
REG
VCC18
SYSTEM
SUPPLY
REG
VOLTAGE
SETTING
VP
REGO
VSYS
COMP &
CURR LIMIT
CLAMP
ERROR
COMP
MULTI-MODE SWITCHING
SUPPLY CONTROLLER
POWER
OK & OVP
START UP &
MODE CTRL
1.2V
HIBERNATE
2.5V V
REF
TIMERS
POWER
& TEMP
MON
VSSA
VSS
V
MON
V
THREF
V
TEMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com