Electronic Components Datasheet Search
  English  ▼

X  

PAC5220 Datasheet(PDF) 40 Page - Qorvo, Inc

Part # PAC5220
Description  Power Application Controller®
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

PAC5220 Datasheet(HTML) 40 Page - Qorvo, Inc

Back Button PAC5220 Datasheet HTML 36Page - Qorvo, Inc PAC5220 Datasheet HTML 37Page - Qorvo, Inc PAC5220 Datasheet HTML 38Page - Qorvo, Inc PAC5220 Datasheet HTML 39Page - Qorvo, Inc PAC5220 Datasheet HTML 40Page - Qorvo, Inc PAC5220 Datasheet HTML 41Page - Qorvo, Inc PAC5220 Datasheet HTML 42Page - Qorvo, Inc PAC5220 Datasheet HTML 43Page - Qorvo, Inc PAC5220 Datasheet HTML 44Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
PAC5220
Power Application Controller
Data Sheet Rev. 2.3, September 28, 2020
Subject to change without notice
40 of 78
www.qorvo.com
®
Table 11-7 Analog Front End I/O (AIO) Electrical Characteristics
(VSYS = VCCIO = 5V, and TA = -40°C to 105°C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VAIO
Pin voltage range
0
5
V
VIH;AIO
High-level input voltage
2.2
V
VIL;AIO
Low-level input voltage
0.8
V
RPD;AIO
Pull-down resistance
Input mode
0.5
1
1.8
MΩ
VOL;AIO
Low-level output voltage
IAIOx = 7mA, open-drain output mode
0.4
V
IOL;AIO
Low-level output sink current
VAIOx = 0.4V, open-drain output mode
6
14
mA
ILK;AIO
High-level output leakage current
VAIOx = 5V, open-drain output mode
0
10
µA
Table 11-8 Push Button (PBTN) Electrical Characteristics
(VSYS = VCCIO = 5V, and TA = -40°C to 105°C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VI;PBTN
Input voltage range
0
5
V
VIH;PBTN
High-level input voltage
2
V
VIL;PBTN
Low-level input voltage
0.35
V
RPU;PBTN
Pull-up resistance
To 3V, push button input mode
40
55
95
kΩ
Table 11-9 HP DAC and LP DAC Electrical Characteristics
(VSYS = VCCIO = 5V, and TA = -40°C to 105°C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VDACREF
DAC reference voltage
TA = 25°C
2.480
2.5
2.520
V
TA = -40°C to 105°C
2.453
2.5
2.547
HP 8-bit DAC INL(1)
-1
1
LSB
HP 8-bit DAC DNL(1)
-0.5
0.5
LSB
LP 10-bit DAC INL(1)
-2
2
LSB
LP 10-bit DAC DNL(1)
-1
1
LSB
(1) Guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com