Electronic Components Datasheet Search
  English  ▼

X  

TDA7491HV Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7491HV
Description  20 W 20 W dual BTL class-D audio amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491HV Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7491HV Datasheet HTML 4Page - STMicroelectronics TDA7491HV Datasheet HTML 5Page - STMicroelectronics TDA7491HV Datasheet HTML 6Page - STMicroelectronics TDA7491HV Datasheet HTML 7Page - STMicroelectronics TDA7491HV Datasheet HTML 8Page - STMicroelectronics TDA7491HV Datasheet HTML 9Page - STMicroelectronics TDA7491HV Datasheet HTML 10Page - STMicroelectronics TDA7491HV Datasheet HTML 11Page - STMicroelectronics TDA7491HV Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Electrical specifications
TDA7491HV
8/26
RdsON
Power transistor on resistance
High side
0.2
Low side
0.2
Po
Output power
THD = 10%
20
W
THD = 1%
16
Po
Output power
RL = 8 Ω, THD = 10%
VCC = 12 V
9.5
W
RL = 8 Ω, THD = 1%
VCC = 12 V
7.2
PD
Dissipated power
Po = 20 W + 20 W,
THD = 10%
4.0
W
η
Efficiency
Po = 20 W + 20 W
80
90
%
THD
Total harmonic distortion
Po = 1 W
0.1
0.4
%
GV
Closed loop gain
GAIN0 = L, GAIN1 = L
18
20
22
dB
GAIN0 = L, GAIN1 = H
24
26
28
GAIN0 = H, GAIN1 = L
28
30
32
GAIN0 = H, GAIN1 = H
30
32
34
∆G
V
Gain matching
-1
1
dB
CT
Cross talk
f = 1 kHz
50
dB
eN
Total input noise
A Curve, GV = 20 dB
20
µV
f = 22 Hz to 22 kHz
25
35
SVRR
Supply voltage rejection ratio
Fr = 100 Hz, Vr = 0.5 V,
CSVR = 10 µF
40
50
dB
Tr, Tf
Rise and fall times
50
ns
FSW
Switching frequency
Internal oscillator
290
310
330
kHz
FSWR
Output switching frequency
With internal oscillator (1)
250
kHz
With external oscillator (2) 250
VinH
Digital input high (H)
2.3
V
VinL
Digital input low (L)
0.8
Function
mode
Standby, mute and play modes
STBY < 0.5 V, MUTE = X
Standby
STBY > 2.5 V, MUTE < 1 V Mute
STBY > 2.5 V, MUTE > 2 V Play
AMUTE
Mute attenuation
VMute = 1 V
60
80
dB
1.
FSW = 10
6 / (64 * R
OSC + 440) kHz, fSYNCLK = 2 * FSW with R1 in kΩ (see Figure 22).
2.
FSW = fSYNCLK / 2 with the frequency of the external oscillator.
Table 5.
Electrical specifications (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com