Electronic Components Datasheet Search
  English  ▼

X  

TDA7491HV Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7491HV
Description  20 W 20 W dual BTL class-D audio amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491HV Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7491HV Datasheet HTML 1Page - STMicroelectronics TDA7491HV Datasheet HTML 2Page - STMicroelectronics TDA7491HV Datasheet HTML 3Page - STMicroelectronics TDA7491HV Datasheet HTML 4Page - STMicroelectronics TDA7491HV Datasheet HTML 5Page - STMicroelectronics TDA7491HV Datasheet HTML 6Page - STMicroelectronics TDA7491HV Datasheet HTML 7Page - STMicroelectronics TDA7491HV Datasheet HTML 8Page - STMicroelectronics TDA7491HV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
December 2007
Rev 1
1/26
26
TDA7491HV
20 W + 20 W dual BTL class-D audio amplifier
Features
! 20 W + 20 W continuous output power:
RL = 8 Ω, THD = 10% at VCC = 18 V
! Wide range single supply operation (5 V - 19 V)
! High efficiency (
η = 90%)
! Four selectable, fixed gain settings of 20 dB,
26 dB, 30 dB and 32 dB
! Differential inputs minimize common-mode
noise
! Filterless operation
! No ‘pop’ at turn-on/off
! Standby and mute features
! Short circuit protection
! Thermal overload protection
! Externally synchronizable
Description
The TDA7491HV is a dual BTL class-D audio
amplifier with single power supply designed for
LCD TVs and monitors.
Thanks to the high efficiency and slug-down
package no heatsink is required.
Furthermore, the filterless operation allows a
reduction in the external component count.
The TDA7491HV is pin to pin compatible with the
TDA7491P and TDA7491LP.
PowerSSO-36 with
exposed pad (or slug) down
Table 1.
Device summary
Order code
Operating Temp. range
Package
Packing
TDA7491HV
0° to 70° C
PowerSSO-36 (slug down)
Tube
TDA7491HV13TR
0° to 70° C
PowerSSO-36 (slug down)
Tape and reel
www.st.com


Similar Part No. - TDA7491HV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
3Mb / 50P
20 W 20 W dual BTL class-D audio amplifier
23-Feb-2021
TDA7491HV13TR STMICROELECTRONICS-TDA7491HV13TR Datasheet
3Mb / 50P
20 W 20 W dual BTL class-D audio amplifier
23-Feb-2021
TDA7491HVU13TR STMICROELECTRONICS-TDA7491HVU13TR Datasheet
3Mb / 50P
20 W 20 W dual BTL class-D audio amplifier
23-Feb-2021
TDA7491HV STMICROELECTRONICS-TDA7491HV_V01 Datasheet
3Mb / 50P
20 W 20 W dual BTL class-D audio amplifier
23-Feb-2021
More results

Similar Description - TDA7491HV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7190NK PANASONIC-AN7190NK Datasheet
55Kb / 5P
Dual 20 W BTL power amplifier
AN7191NZ PANASONIC-AN7191NZ Datasheet
146Kb / 16P
Dual 20 W BTL audio power amplifier
logo
Eutech Microelectronics...
EUA2123 EUTECH-EUA2123 Datasheet
167Kb / 1P
20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
CCA042V1 STMICROELECTRONICS-CCA042V1 Datasheet
100Kb / 5P
20 W 20 W dual BTL class-D audio amplifier demonstration board based on the TDA7491HV
25-Oct-2012
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
50 W 50 W dual BTL class-D audio amplifier
12-Sep-2011
logo
Texas Instruments
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
STEVAL-CCA042V1 STMICROELECTRONICS-STEVAL-CCA042V1 Datasheet
107Kb / 4P
20 W 20 W dual BTL class-D audio amplifier demonstration board based on the TDA7491HV Data brief
October 2012 Rev 1
TDA7492E STMICROELECTRONICS-TDA7492E Datasheet
665Kb / 24P
79 W 79 W dual BTL class-D audio amplifier
24-Feb-2017
TDA7492PE STMICROELECTRONICS-TDA7492PE Datasheet
740Kb / 24P
45 W 45 W dual BTL class-D audio amplifier
17-Nov-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com