Electronic Components Datasheet Search
  English  ▼

X  

L9374 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9374
Description  Four channel valve driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374 Datasheet(HTML) 1 Page - STMicroelectronics

  L9374 Datasheet HTML 1Page - STMicroelectronics L9374 Datasheet HTML 2Page - STMicroelectronics L9374 Datasheet HTML 3Page - STMicroelectronics L9374 Datasheet HTML 4Page - STMicroelectronics L9374 Datasheet HTML 5Page - STMicroelectronics L9374 Datasheet HTML 6Page - STMicroelectronics L9374 Datasheet HTML 7Page - STMicroelectronics L9374 Datasheet HTML 8Page - STMicroelectronics L9374 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
July 2007
Rev 2
1/10
10
L9374
Four channel valve driver
Features
■ Four low-side output drivers with protection
diagnostic
– 2 PWM controlled channels (0.2
Ω typ)
–2 current controlled channels with 6%
accuracy (0.3
Ω typ)
■ All outputs with 35V Zener clamp
■ Programmable channel timer
■ Clock monitor
■ Integrated recirculation diodes
■ Serial Peripheral Interface with 16bits, up to
5MHz with diagnosis
■ Battery compatible supply voltage
■ Detailed Load diagnosis
– Over load protection
– Open Load
– Under-current
– Under Voltage
– Temperature Warning and Shutdown
– Power or Signal GND loss
– Freewheeling diode loss
– Silent valve driver test
Description
The L9374 is a four channel low side driver with
integrated recirculation diodes. The switching of
the channels is programmable via a SPI (Serial
Peripheral Interface). The main time base is given
by an external clock via CLKin. The Clock Unit
monitors this external clock and provides the
system clock for all timings.
A Synchronization Unit is used to monitor the SPI
communication and provides a sync signal for the
channel activation.
The Output Duty Cycle for each channel can be
programmed individually and will be activated by
the Set Point Unit. Is possible to program two
output Duty Cycles per channel with a block of 16
SPI commands as well as an individual Duration
Time for each channel actuation. Both information
are stored in the PWM and in the Counter
Configuration Register respectively.
The PWM Controller translates the programmed
digital duty cycle value in a PWM signal which
controls the output.
For the current controlled channels the target
current value is programmed. It is also possible to
program two different target currents. The target
current is compared with the real load current.
The output duty cycle is then calculated with an
Arithmetic Logic Unit. As base for the calculation
a load model is used respecting the resistivity of
the load, the supply voltage as well as the
internal recirculation path. To check the
plausibility of the current controller all measured
and calculated values are available and
accessible via SPI.
All channels are equipped with a load Diagnostic.
This allows to detect an open load in off condition
as well as an under current in on condition. The
power stage is protected against over current and
over temperature. A weak connection in power
ground or in the recirculation path is monitored.
All monitored functions can be read out in a serial
diagnostic protocol dedicated for each channel
via SPI..
Table 1.
Device summary
Order code
Package
Packing
L9374
PowerSO-36 (slug down)
Tube
L9374XP
PowerSSO-36 (exp. pad)
Tube
PowerSO-36
PowerSSO-36
www.st.com


Similar Part No. - L9374

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9374LF STMICROELECTRONICS-L9374LF Datasheet
1Mb / 80P
Four channel valve driver
30-Oct-2013
L9374TRLF STMICROELECTRONICS-L9374TRLF Datasheet
1Mb / 80P
Four channel valve driver
30-Oct-2013
More results

Similar Description - L9374

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM18293 NSC-LM18293 Datasheet
144Kb / 6P
Four Channel Push-Pull Driver
logo
Freescale Semiconductor...
MC33797 FREESCALE-MC33797 Datasheet
639Kb / 32P
Four Channel Squib Driver IC
33797 FREESCALE-33797 Datasheet
905Kb / 34P
Four Channel Squib Driver IC
logo
List of Unclassifed Man...
EC4101 ETC2-EC4101 Datasheet
428Kb / 6P
Four Channel Constant Current LED Driver
logo
Sanyo Semicon Device
LA6546H SANYO-LA6546H Datasheet
77Kb / 6P
Four-Channel Bridge (BTL) Driver
LA6579H SANYO-LA6579H Datasheet
93Kb / 8P
Four-Channel Bridge (BTL) Driver
logo
Integrated Silicon Solu...
IS31BL3212 ISSI-IS31BL3212 Datasheet
262Kb / 9P
FOUR CHANNEL CONSTANT CURRENT LED DRIVER
logo
Freescale Semiconductor...
33797 FREESCALE-33797_11 Datasheet
1Mb / 35P
Four Channel Squib Driver IC
logo
ON Semiconductor
NCS2564 ONSEMI-NCS2564_11 Datasheet
222Kb / 15P
Four-Channel Video Driver
April, 2011 ??Rev. 6
logo
STMicroelectronics
L9374LF STMICROELECTRONICS-L9374LF Datasheet
1Mb / 80P
Four channel valve driver
30-Oct-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com