Electronic Components Datasheet Search
  English  ▼

X  

L9374 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9374
Description  Four channel valve driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374 Datasheet(HTML) 5 Page - STMicroelectronics

  L9374 Datasheet HTML 1Page - STMicroelectronics L9374 Datasheet HTML 2Page - STMicroelectronics L9374 Datasheet HTML 3Page - STMicroelectronics L9374 Datasheet HTML 4Page - STMicroelectronics L9374 Datasheet HTML 5Page - STMicroelectronics L9374 Datasheet HTML 6Page - STMicroelectronics L9374 Datasheet HTML 7Page - STMicroelectronics L9374 Datasheet HTML 8Page - STMicroelectronics L9374 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
L9374
Absolute maximum ratings
5/10
3
Absolute maximum ratings
Definition:
Current from outside into the L9374-> " + "
Current from L9374 towards external components -> " - "
Warning:
Transients beyond this limit will cause currents into ESD
structures which must be limited externally to ±10 mA
(maximum energy to be dissipated: 2 mJ).
Table 3.
Absolute maximum ratings
Symbol
Parameter
Min
Max
Unit
Vs
Supply voltage
-0.3
38
V
VDx
Freewheeling diode voltage
-0.3
35
V
VQx
Output voltage
-0.3
35
V
VEN
VSPICLK
VSPICS
VMOSI
VMISO
VCLKIN
Enable voltage
SPI clock voltage
SPI chip select voltage
SPI MOSI voltage
SPI MISO voltage
SPI clock input voltage
-0.3
6
V
IQ1; 2
Output current at reversal voltage
-4
A
IQ3; 4
-2
A
IEN_CL
ISPICLK_
CL
ISPICS_C
L
IMOSI_CL
ICLKIN_C
L
Input clamping currents (static)
Input clamping currents (dynamic)
- 3
-10
+ 3
+10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com