Electronic Components Datasheet Search
  English  ▼

X  

EB-A Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EB-A
Description  Aluminum Electrolytic Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EB-A Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EB-A Datasheet HTML 1Page - Panasonic Semiconductor EB-A Datasheet HTML 2Page - Panasonic Semiconductor EB-A Datasheet HTML 3Page - Panasonic Semiconductor EB-A Datasheet HTML 4Page - Panasonic Semiconductor EB-A Datasheet HTML 5Page - Panasonic Semiconductor EB-A Datasheet HTML 6Page - Panasonic Semiconductor EB-A Datasheet HTML 7Page - Panasonic Semiconductor EB-A Datasheet HTML 8Page - Panasonic Semiconductor EB-A Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
EB-A series
Endurance : 105
℃ 5000 h / ø5×11 to ø8×11.5, 105 ℃ 10000 h / ø8×15 to ø12.5×25
*1: Ripple current (120 Hz / +105
℃)
*2: tan δ (120 Hz
 / +20 ℃)
・ When requesting taped product, please put the letter "B" or "H" be tween the "( )".
 Lead wire pitch ✽B=5 mm, H=2.5 mm.
・ Please refer to the page of “Taping dimensions”.
47
470
63
50
35
25
16
10
4.7
10
33
100
220
330
470
33
220
330
1000
2.2
3.3
4.7
10
22
25.0
5.0
6.3
8.0
8.0
12.5
12.5
6.3
8.0
8.0
8.0
10.0
10.0
12.5
5.0
5.0
5.0
5.0
5.0
6.3
12.5
12.5
12.5
20.0
20.0
25.0
11.0
11.0
11.0
11.0
11.0
11.2
20.0
11.0
11.2
15.0
11.5
20.0
11.5
15.0
15.0
16.0
25.0
11.2
—
454 0.12
0.6
5.0
—
500
500
200
200
EEUEB1J331( )
EEUEB1J471( )
5.0
5.0
381 0.12
0.6
5.0
10000
10000
292 0.12
0.6
5.0
—
3.5
180 0.12
0.6
5.0
80 0.12
0.6
5.0
—
3.5
3.5
94 0.12
0.6
5.0
—
10000
50 0.12
0.5
5.0
2.5
40 0.12
0.5
5.0
2.5
2.5
5.0
2.5
20 0.12
0.5
5.0
2.5
2.2
3.3
16.5 0.12
0.5
2.0
2.0
23 0.12
0.5
30 0.12
0.5
370 0.15
0.6
10000
5.0
470
293 0.15
0.6
5.0
330
234 0.15
0.6
5.0
220
5.0
99 0.15
0.6
5.0
61 0.15
0.5
5.0
47
5000
39 0.15
0.5
5.0
18 0.15
0.5
5.0
2.5
5000
5000
5000
15 0.15
0.5
18 0.15
0.5
27 0.15
0.5
5000
5000
5.0
—
5.0
5.0
—
278 0.18
0.6
5.0
—
5.0
—
10000
10000
10000
10000
5.0
0.5
197 0.18
0.6
349 0.18
0.6
586 0.18
0.6
0.6
5.0
1000
321 0.22
0.6
5.0
10.0
16.0
10000
12.5
20.0
10000
3.5
3.5
5.0
10000
0.6
55 0.22
0.5
95 0.22
0.5
5.0
5000
10000
5000
706 0.27
0.6
Rated
voltage
(V)
Capacitance
(±20 %)
(μF)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
01-Dec-22
200
500
200
2000
200
2000
200
2000
200
500
200
2000
200
200
500
100 0.30
200
500
EEUEB1J101( )
EEUEB1J221( )
200
1000
200
1000
EEUEB1J470S( )
EEUEB1J470( )
2000
200
2000
2.0
2.0
200
2000
200
200
1000
5.0
2.5
—
200
500
5.0
2.5
5.0
5.0
—
5.0
5.0
2.5
—
—
Specification
Endu-
rance
(h)
tan δ*2
Ripple
current*1
(mA rms)
2000
1000
2000
200
5.0
5.0
—
0.5
5000
5000
66 0.30
0.5
2.0
2.5
10000
5000
278 0.30
0.6
Case size
(
mm)
L
øD
Taping
✽B
Straight
Lead
dia.
(ød)
Characteristics list
1000
200
500
5.0
EEUEB1A471S( )
EEUEB1A222( )
—
200
200
200
Taping
✽H
Taping
Straight
leads
Min. Packaging
Q'ty (PCS)
Lead length (mm)
Lead space
Part No.
10.0
20.0
10000
12.5
25.0
10000
180 0.30
0.6
540 0.32
0.6
430 0.25
0.6
802 0.34
0.6
EEUEB1A332( )
EEUEB1C102( )
EEUEB1C222( )
EEUEB1E470S( )
5.0
2.0
2.5
3.5
5.0
—
5.0
2.5
0.6
1000
EEUEB1E101S( )
EEUEB1E221S( )
EEUEB1E331( )
200
1000
5.0
2.5
3.5
5.0
—
5.0
—
2000
200
500
2.0
EEUEB1E471( )
EEUEB1E102( )
—
5.0
2.5
3.5
200
1000
—
5.0
5.0
200
500
EEUEB1V330S( )
EEUEB1V221( )
EEUEB1V331( )
200
500
200
500
EEUEB1V471( )
EEUEB1V102( )
200
2000
200
2000
EEUEB1H2R2S( )
EEUEB1H3R3S( )
5.0
2.5
5.0
2.5
2000
200
2000
EEUEB1H4R7S( )
EEUEB1H100S( )
5.0
2.5
200
2000
2000
EEUEB1H220S( )
EEUEB1H470S( )
2.5
2.5
5.0
11.0
5000
200
1000
10.0
16.0
10000
200
500
10.0
20.0
10000
8.0
11.5
5000
200
500
5.0
8.0
11.5
5000
200
500
—
—
6.3
11.2
5000
5.0
11.0
5000
5.0
11.0
5000
5.0
11.0
5000
2000
EEUEB1J330S( )
5.0
2.5
200
8.0
15.0
10000
10.0
20.0
10000
5.0
EEUEB1A101S( )
EEUEB1A221S( )
EEUEB1A471( )
5.0
2.0
2.0
2.0
2.0
2.0
2.5
3.5
5.0
6.3
11.2
5000
8.0
15.0
EEUEB1H101S( )
—
—
EEUEB1J4R7S( )
EEUEB1J100S( )
EEUEB1J220S( )
200
200
200
2.5
EEUEB1H221( )
EEUEB1H331( )
EEUEB1H471( )
EEUEB1J2R2S( )
EEUEB1J3R3S( )
5.0
11.0
5000
100
5.0
11.0
220
330
498 0.22
46 0.18
10000
125 0.22
255 0.22
5000
22
100
470
470
100
220
2200
3300
1000
2200
47



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com