Electronic Components Datasheet Search
  English  ▼

X  

EB-A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EB-A
Description  Aluminum Electrolytic Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EB-A Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EB-A Datasheet HTML 1Page - Panasonic Semiconductor EB-A Datasheet HTML 2Page - Panasonic Semiconductor EB-A Datasheet HTML 3Page - Panasonic Semiconductor EB-A Datasheet HTML 4Page - Panasonic Semiconductor EB-A Datasheet HTML 5Page - Panasonic Semiconductor EB-A Datasheet HTML 6Page - Panasonic Semiconductor EB-A Datasheet HTML 7Page - Panasonic Semiconductor EB-A Datasheet HTML 8Page - Panasonic Semiconductor EB-A Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
■Not available in Japan
● Endurance : 105 ℃ 5000 h to 10000 h
● Hight ripple hight frequency (Hight voltage)
● RoHS compliant
■10 V to 63 V
■160 V to 450 V
Unit
:mm
EB-A series
Aluminum Electrolytic Capacitors
Features
Specifications
Frequency correction factor for ripple current
Dimensions
ød
0.5
0.5
0.6
0.6
0.6
0.8
0.8
160 to 250
0.55
0.85
1000 to 3300
0.95
1.00
1.05
2.2 to 10
0.75
1.00
1.40
Please see the attached characteristics list
30k to 100k
Cap.(μF
)
R. volt.(V
)
3.5
5.0
5.0
7.5
7.5
16.0
18.0
10 k
100 k
Freq.(Hz)
120
1 k
0.90
1.00
1.10
1.15
350 to 450
0.50
0.80
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
22 to 470
0.85
1.00
1.20
1.25
1.30
Dissipation factor (tan δ)
0.90
1.00
1.55
1.65
10k to 30k
Endurance
capacitors are restored to 20
℃, the capacitors shall meet the limits specified bellow.
stabilized at +20
℃, capacitors shall meet the limits specified in endurance.
Freq.(Hz)
60
120
1 k
Dissipation factor (tan δ)
≦ 200 % of the initial limit
(10 V to 63 V) Duration : ø5×11 to ø8×11.5 : 5000 h, ø8×15 to ø12.5×25 : 10000 h
Capacitance change
160 V to 450 V
2.2 μF to 3300 μF
10 μF to 330 μF
I
≦ 0.01 CV or 3 (μA) After 2 minutes
(Whichever is greater)
I
≦ 0.06 CV + 10 (μA) After 2 minutes
DC leakage current
Within the initial limit
Rated voltage range
Capacitance tolerance
±20 % (120 Hz / +20
℃)
Leakage current
≦ 300 % of the initial limit
Within ±30 % of the initial value
DC leakage current
Within the initial limit
(160 V to 450 V) Duration : 5000 h
Capacitance change
Within ±20 % of the initial value
Radial Lead Type
Should a safety concern arise regarding this product, please be sure to contact us immediately.
01-Dec-22
Shelf life
After storage for 1000 h at +105
℃±2 ℃ with no voltage applied and then being
(With voltage treatment)
Capacitance range
Category temp. range
Dissipation factor (tan δ)
After following life test with DC voltage and +105
℃±2 ℃ ripple current value applied
(The sum of DC and ripple peak voltage shall not exceed the rated working voltage), when the
øD
5.0
6.3
8.0
10.0
12.5
F
2.0
2.5
–40
℃ to +105 ℃
–25
℃ to +105 ℃
10 V to 63 V
Pressure relief
ø6.3 ≦
14min.
L*
Sleeve
3min.
øD
±0.5
øD
±0.5
≦
ø8
ø10 ≦
* L ≦ 16
:L±1.0 (ø8x15 only L±1.5)
L ≧ 20
:L±2.0
Some part numbers are not recommended
for new design.


Similar Part No. - EB-A

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
EB-A11012-XX-B ADAM-TECH-EB-A11012-XX-B Datasheet
79Kb / 1P
EURO BLOCK
logo
List of Unclassifed Man...
EB-ACDC ETC-EB-ACDC Datasheet
86Kb / 4P
DMS-EB-AC/DC
logo
Murata Manufacturing Co...
EB-ACDC MURATA-EB-ACDC Datasheet
169Kb / 4P
100-264Vac Power Supply Accessory Board for DMS-30PC/LCD Panel Meters
logo
List of Unclassifed Man...
EB-ASG101-2000 ETC-EB-ASG101-2000 Datasheet
188Kb / 6P
DC-3000 MHz SiGe HBT Amplifier
EB-ASG101-900 ETC-EB-ASG101-900 Datasheet
188Kb / 6P
DC-3000 MHz SiGe HBT Amplifier
More results

Similar Description - EB-A

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com