Electronic Components Datasheet Search
  English  ▼

X  

BMP390 Datasheet(PDF) 12 Page - Bosch Sensortec GmbH

Part # BMP390
Description  Digital pressure sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP390 Datasheet(HTML) 12 Page - Bosch Sensortec GmbH

Back Button BMP390 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 16Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
Bosch Sensortec | BMP390 Datasheet
12 | 59
Modifications reserved |Data subject to change without notice | Printed in Germany
Document number: BST-BMP390-DS002-07 Revision_1.7_032021
time
ISLEEP
IIDLE
IMEAS, P
IMEAS, T
POR
Mode[1:0] = 01
Data readout
osrs_t
osrs_p
Write
settings
Mode[1:0] = 01
Figure 2: Force mode timing diagram
3.3.3. Normal mode
Normal mode continuously cycles between an (active) measurement period and an (inactive) standby period. The
measurement rate is set in the odr_sel register (see 4.3.19), where various prescaler for sample frequencies fsampling=200Hz
can be selected. The sampling period
������������calculatedby
������������������������������������������������������������������������������������������������������������=������������������������������������������������������������������������������������������������������������/������������������������������������������������������������������������������������������������������������.
After setting the mode, measurement and filter options, the last measurement results can be obtained from the data registers
without the need of further write accesses. Normal mode is recommended when using the IIR filter, and useful for applications
in which short-term disturbances (e.g. blowing into the sensor) should be filtered.
time
ISLEEP
IIDLE
IMEAS, P
IMEAS, T
POR
Mode[1:0] = 11
Data readout
when needed
Write
settings
τsampling
osrs_t
osrs_p
Figure 3: Normal mode timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com