Electronic Components Datasheet Search
  English  ▼

X  

BMP390 Datasheet(PDF) 2 Page - Bosch Sensortec GmbH

Part # BMP390
Description  Digital pressure sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP390 Datasheet(HTML) 2 Page - Bosch Sensortec GmbH

  BMP390 Datasheet HTML 1Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 2Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 3Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 4Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
Bosch Sensortec | BMP390 Datasheet
2 | 59
Modifications reserved |Data subject to change without notice | Printed in Germany
Document number: BST-BMP390-DS002-07 Revision_1.7_032021
BMP390
Digital pressure sensor
The BMP390 is a digital sensor with pressure and temperature measurement based on proven sensing principles. The sensor
module is housed in an extremely compact 10-pin metal-lid LGA package with a footprint of only 2.0 × 2.0 mm² and max 0.8
mm package height. Its small dimensions and its low power consumption of 3.2 µA @1Hz allow the implementation in battery
driven devices such as mobile phones, GPS modules or watches.
Typical applications
•
Vertical velocity indication (e.g. rise/sink speed)
•
Internet of things
•
Enhancement of GPS navigation
(e.g. time-to-first-fix improvement, dead-reckoning, slope detection)
•
Indoor navigation & localization (floor detection, elevator detection)
•
Outdoor navigation, leisure and sports applications
•
Weather forecast
•
Health care applications (e.g. spirometry)
•
Fitness applications like enhancement of calorie detection
•
AR & VR applications
•
Context awareness
Target Devices
•
Flying toys
•
Drones
•
Handsets such as mobile phones, tablet PCs, GPS devices
•
Navigation systems
•
Portable health care devices
•
Home weather stations
•
Watches
•
White goods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com