Electronic Components Datasheet Search
  English  ▼

X  

721 Datasheet(PDF) 4 Page - Curtis Instruments, Inc.

Part # 721
Description  SOLID STATE DIGITAL METER MODULES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CURTIS [Curtis Instruments, Inc.]
Direct Link  https://www.curtisinstruments.com/
Logo CURTIS - Curtis Instruments, Inc.

721 Datasheet(HTML) 4 Page - Curtis Instruments, Inc.

  721 Datasheet HTML 1Page - Curtis Instruments, Inc. 721 Datasheet HTML 2Page - Curtis Instruments, Inc. 721 Datasheet HTML 3Page - Curtis Instruments, Inc. 721 Datasheet HTML 4Page - Curtis Instruments, Inc. 721 Datasheet HTML 5Page - Curtis Instruments, Inc. 721 Datasheet HTML 6Page - Curtis Instruments, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
6.60
0.80
MAX COMP
HEIGHT
3.5
25.0
28.00
7.00
± 0.25
14.00
0.80
14.8
15.0
8.4
9.0
(.35)
31.0
N
2.0
P
3.8
35.6
I
9.0
L
R
TYP. (5X)
18.0
15.0
3.6
MAX COMP
HEIGHT
4.7
.8
14.0
R
P
I
N
32.0
28.0
2.0
COMPONENT SIDE
18.0
2.0
.80
TYP 4X
25.0
7.7
31.0
15.4
9.0
MODELS 700, 701, 703 - 5MM DIGITS
7 0 0 S E R I E S
C U R R E N T C O N S U M P T I O N : ( M A M A X )
M O D U L E D I M E N S I O N S : M M
Non-Backlight
Backlight
6.60
0.80
MAX COMP
HEIGHT
3.5
25.0
28.00
7.00
± 0.25
14.00
0.80
14.8
15.0
8.4
9.0
(.35)
31.0
N
2.0
P
3.8
35.6
I
9.0
L
R
TYP. (5X)
18.0
15.0
3.6
MAX COMP
HEIGHT
4.7
.8
14.0
R
P
I
N
32.0
28.0
2.0
COMPONENT SIDE
18.0
2.0
.80
TYP 4X
25.0
7.7
31.0
15.4
9.0
Note: Standard pin lengths are shown. Optional lengths are available.
Operating Voltage
700, 701, 703
700, 701, 703
708, 721
at Power Terminals
(5mm)
(7mm)
(5mm)
External or Non -
5 - 12 VDC (@ 5 V)
0.5
0.5
N/A
Backlight Models
12 - 48 VDC (@ 12 V)
0.8
0.8
1.0
48 - 150 VDC (@ 48 V)
0.8
0.8
N/A
100 - 230 VAC (@ 120 V)
1.0
1.0
N/A
100 - 230 VAC (@ 230 V)
2.0
2.0
N/A
Internal Backlight Models
12 VDC (only)
35
N/A
N/A
At Illumination Pin
External Backlight Models
9-15 VDC (@12 V)
30
35
35



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com