Electronic Components Datasheet Search
  English  ▼

X  

721 Datasheet(PDF) 3 Page - Curtis Instruments, Inc.

Part # 721
Description  SOLID STATE DIGITAL METER MODULES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CURTIS [Curtis Instruments, Inc.]
Direct Link  https://www.curtisinstruments.com/
Logo CURTIS - Curtis Instruments, Inc.

721 Datasheet(HTML) 3 Page - Curtis Instruments, Inc.

  721 Datasheet HTML 1Page - Curtis Instruments, Inc. 721 Datasheet HTML 2Page - Curtis Instruments, Inc. 721 Datasheet HTML 3Page - Curtis Instruments, Inc. 721 Datasheet HTML 4Page - Curtis Instruments, Inc. 721 Datasheet HTML 5Page - Curtis Instruments, Inc. 721 Datasheet HTML 6Page - Curtis Instruments, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7 0 0 S E R I E S
M O D U L E A S S E M B L Y S P E C I F I C A T I O N S
Display
6-digit, 5 or 7 mm high
(Models 700, 701, 703)
Dual-Channel 6-digit, 5 mm high
(Model 708)
7-digit, 5 mm high
Model 720)
Dual-Channel 7-digit, 5 mm high
(Model 721)
Range & Resolution
Hour Meters
99,999.9 hrs.
(Models 700, 701, 708)
Maintenance 3,999.9 hrs.
(Model 708/2nd Channel)
Counters
999,999 counts
(Model 703)
Odometers
999,999.9 increments
(Models 720, 721)
9,999,999
(Model 720) optional resolution
Trip
999.9
(Model 721/2nd Channel)
Accuracy
Hour Meters ± 0.1%
(Models 700, 701, 708)
Counters ± 1 count
(Model 703)
Odometers ±1 increment
(Model 720, 721)
Humidity
95% Non-condensing at 38°C
Operating Temperature
-40°C to + 85°C
Storage Temperature
-50°C to + 85°C
Operating Frequency (AC units) 48 to 440 Hz abs.
Memory
Main power must be applied for 5 sec to activate memory (with no loss of time/counts).
EEPROM-Data retention 25+ years without power present.
Input Signal (DC Only)
Counter
Model 703 - 500 Hz max, 50% duty cycle (1ms low, min, between consecutive highs).
Maintenance Monitor
Models 701, 708 - Power must be applied for 0.5 sec, min, to accumulate time.
Odometer
Model 720 - Varies depending on model configuration (consult factory).
Trip/Odometer
Model 721 - 500 Hz max, 50% duty cycle (1ms low, min, between consecutive highs).
Input Signal (AC/DC)
Hour Meter
Models 701, 708 - Power must be applied for 0.5 sec, min, to accumulate time.
Counter
Model 703 - 1 Hz max, 50% duty cycle (500ms low, min, between consecutive highs).
Reset
All Models
Main power must be applied for a minimum of 0.5 sec. prior to reset signal.
Models 700, 701, 703
6ms, min, at operating voltage.
Model 708
Maintenance 2 or 4 sec, factory programmed; hour meter not resetable.
Model 720
70ms min at operating voltage.
Model 721
Trip channel 2 or 4 sec, factory programmed; odometer is not resetable.
Note: Max Reset frequency is 150Hz for AC models.
Notes:
1. All modules are supplied with critical components exposed. If the module is being used in an environment other
than specified, the user must take precautions to package the module to provide adequate protection.
2. For proper mechanical support, all module pins should be soldered to the PC-board.
3. To prevent heat damage to components, module face should be 10-20mm minimum away from PC-board
when flow soldered.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com