Electronic Components Datasheet Search
  English  ▼

X  

ACPL-C877 Datasheet(PDF) 13 Page - Abracon Corporation

Part # ACPL-C877
Description  Precision Optically Isolated Digital Voltage Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACPL-C877 Datasheet(HTML) 13 Page - Abracon Corporation

Back Button ACPL-C877 Datasheet HTML 9Page - Abracon Corporation ACPL-C877 Datasheet HTML 10Page - Abracon Corporation ACPL-C877 Datasheet HTML 11Page - Abracon Corporation ACPL-C877 Datasheet HTML 12Page - Abracon Corporation ACPL-C877 Datasheet HTML 13Page - Abracon Corporation ACPL-C877 Datasheet HTML 14Page - Abracon Corporation ACPL-C877 Datasheet HTML 15Page - Abracon Corporation ACPL-C877 Datasheet HTML 16Page - Abracon Corporation ACPL-C877 Datasheet HTML 17Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ACPL-C877 Data Sheet
Precision Optically Isolated Digital Voltage Sensor
Broadcom
ACPL-C877-DS100
13
Product Overview
Description
The ACPL-C877 isolated digital voltage sensor converts an
analog input signal into a high-speed (10 MHz typical)
single-bit data stream by means of a sigma-delta over-
sampling modulator. The time average of the modulator
data is directly proportional to the input signal voltage. The
modulator uses internal clock of 10 MHz. The modulator
data are encoded and transmitted across the isolation
boundary where they are recovered and decoded into high-
speed data stream of digital ones and zeros. The original
signal information is represented by the density of ones in
the data output.
The other main function of the modulator (optocoupler) is to
provide galvanic isolation between the analog signal input
and the digital data output. It provides high noise margins
and excellent immunity against isolation-mode transients
that allows direct measurement of low-level signals in highly
noisy environments, for example measurement of motor
bus voltage in power inverters.
With 0.5-mm minimum DTI, the ACPL-C877 provides
reliable double protection and high working insulation
voltage, which is suitable for fail-safe designs. This
outstanding isolation performance is superior to alternatives
including devices based on capacitive- or magnetic-
coupling with DTI in micro-meter range. Offered in an SSO-
8 package, the isolated ADC delivers the reliability, small
size, superior isolation and over-temperature performance
motor drive designers need to accurately measure voltage.
Analog Input
The ACPL-C877 front-end contains a fully-differential
amplifier followed by a sigma-delta modulator. The fully-
differential analog inputs accept signals of 0V to 2V (full
scale from -0.1V to 3.2V), which is ideal for direct
connection to resistive divider network for voltage sensing
or other high-level signal sources applications such as
motor drive DC-link bus voltage sensing and insulation
resistance voltage measurement usually used together with
Broadcom® ASSR-601J high voltage photo-mosfet relay.
Users are able to use higher input range from 2V to 3.2V, as
long as within full-scale range (3.2V), for the purpose of
over-voltage or overload detection.
Latch-up Consideration
Latch-up risk of CMOS devices needs careful consideration,
especially in applications with direct connection to signal
source that is subject to frequent transient noise. The
analog input structure of the ACPL-C877 is designed to be
resilient to transients and surges, which are often
encountered in highly noisy application environments such
as motor drive and other power inverter systems. Other
situations could cause transient voltages to the inputs
include short circuit and overload conditions. The ACPL-
C877 is tested with DC voltage of up to –2V and 2-second
transient voltage of up to –6V to the analog inputs with no
latch-up or damage to the device.
Modulator Data Output
Input signal information is contained in the modulator output
data stream, represented by the density of ones and zeros.
The density of ones is proportional to the input signal
voltage, as shown in Figure 14. A differential input signal of
0V ideally produces a data stream of ones and zeros in
equal densities. A differential input of 2V corresponds to
81.25% density of ones. A differential input of 3.2V or higher
results in ideally all ones in the data stream, while input less
than -0.1V is not defined. Table 3 shows this relationship.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com