Electronic Components Datasheet Search
  English  ▼

X  

ACPL-C877 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ACPL-C877
Description  Precision Optically Isolated Digital Voltage Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACPL-C877 Datasheet(HTML) 2 Page - Abracon Corporation

  ACPL-C877 Datasheet HTML 1Page - Abracon Corporation ACPL-C877 Datasheet HTML 2Page - Abracon Corporation ACPL-C877 Datasheet HTML 3Page - Abracon Corporation ACPL-C877 Datasheet HTML 4Page - Abracon Corporation ACPL-C877 Datasheet HTML 5Page - Abracon Corporation ACPL-C877 Datasheet HTML 6Page - Abracon Corporation ACPL-C877 Datasheet HTML 7Page - Abracon Corporation ACPL-C877 Datasheet HTML 8Page - Abracon Corporation ACPL-C877 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Broadcom
ACPL-C877-DS100
2
ACPL-C877 Data Sheet
Precision Optically Isolated Digital Voltage Sensor
CAUTION! Take normal static precautions in handling and assembly of this component to prevent damage, degradation, or
both that may be induced by ESD. The components featured in this data sheet are not to be used in military or
aerospace applications or environments. The component is also not AEC-Q100 and not recommended for
automotive applications.
Functional Block Diagram
Figure 1: Functional Block Diagram
Pin Configurations and Descriptions
Figure 2: Pin Configuration
Table 1: Pin Descriptions
Pin No.
Symbol
Description
1VDD1
Supply voltage for signal input side (analog side), relative to GND1.
2VIN+
Positive analog input, recommended input range 0V to 2V.
3VIN–
Negative analog input, recommended input range 0V to 2V (normally connected to GND1).
4
GND1
Supply ground for signal input side.
5
GND2
Supply ground for data/clock output side (digital side).
6
MDAT
Modulator data output.
7
MCLK
Modulator clock output.
8VDD2
Supply voltage for data output side, relative to GND2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com