Electronic Components Datasheet Search
  English  ▼

X  

1014286 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1014286
Description  PML-GHS109 (25X25) - Hazardous substances label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1014286 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1014286 Datasheet HTML 1Page - PHOENIX CONTACT 1014286 Datasheet HTML 2Page - PHOENIX CONTACT 1014286 Datasheet HTML 3Page - PHOENIX CONTACT 1014286 Datasheet HTML 4Page - PHOENIX CONTACT 1014286 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Hazardous substances label, Sheet, red/white, labeled: Hazardous to the environment, mounting
type: adhesive, diameter: 0 mm, Number of individual labels: 9, text field height: 25 mm, text field
width: 25 mm
Your advantages
High adhesive strength
•
High temperature resistance
•
Stick-on hazardous substances labels, preprinted with symbol
•
The markers conform to the GHS international standard
•
Suitable for indoor and outdoor use
•
Commercial data
Item number
1014286
Packing unit
5 pc
Minimum order quantity
1 pc
Product key
BG2624
Catalog page
Page 353 (C-5-2015)
GTIN
4046356787031
Weight per piece (including packing)
5.864 g
Weight per piece (excluding packing)
5.864 g
Country of origin
DE
PML-GHS109 (25X25) - Hazardous substances label
1014286
https://www.phoenixcontact.com/us/products/1014286
May 13, 2025, 7:39AM
Page 1 (5)


Similar Part No. - 1014286

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1014280 PHOENIX-1014280 Datasheet
189Kb / 5P
PML-GHS106 (25X25) - Hazardous substances label
1014282 PHOENIX-1014282 Datasheet
185Kb / 5P
PML-GHS107 (25X25) - Hazardous substances label
1014285 PHOENIX-1014285 Datasheet
188Kb / 5P
PML-GHS109 (13X13) - Hazardous substances label
logo
Amphenol Communications...
10142851 AMPHENOLCS-10142851 Datasheet
374Kb / 2P
Minitek MicroSpace™ Crimp-To-Wire Connector Platform
10142853 AMPHENOLCS-10142853 Datasheet
374Kb / 2P
Minitek MicroSpace™ Crimp-To-Wire Connector Platform
More results

Similar Description - 1014286

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
70765 YAGEO-70765 Datasheet
79Kb / 1P
Restriction of Hazardous Substances & End of Life-Vehicle
logo
PHOENIX CONTACT
0830432 PHOENIX-0830432 Datasheet
91Kb / 3P
Warning label - PML-W101 (12,5X12,5)
1014125 PHOENIX-1014125 Datasheet
49Kb / 3P
Warning label - US-PML-W100 (25X25)
1014131 PHOENIX-1014131 Datasheet
49Kb / 3P
Warning label - US-PML-W200 (25X25)
1014133 PHOENIX-1014133 Datasheet
49Kb / 3P
Warning label - US-PML-W200 (100X100)
1014287 PHOENIX-1014287 Datasheet
77Kb / 11P
Hazardous substances label - US-PML-GHS100 (13X13)
1014288 PHOENIX-1014288 Datasheet
77Kb / 11P
Hazardous substances label - US-PML-GHS100 (25X25)
1014289 PHOENIX-1014289 Datasheet
46Kb / 2P
Hazardous substances label - PML-GHS100 (13X13)R
1014290 PHOENIX-1014290 Datasheet
46Kb / 2P
Hazardous substances label - PML-GHS100 (25X25)R
0830435 PHOENIX-0830435 Datasheet
55Kb / 3P
Warning label - PML-W101 (100X100)
09/11/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com