Electronic Components Datasheet Search
  English  ▼

X  

1014286 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1014286
Description  PML-GHS109 (25X25) - Hazardous substances label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1014286 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1014286 Datasheet HTML 1Page - PHOENIX CONTACT 1014286 Datasheet HTML 2Page - PHOENIX CONTACT 1014286 Datasheet HTML 3Page - PHOENIX CONTACT 1014286 Datasheet HTML 4Page - PHOENIX CONTACT 1014286 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Warning label printed
Hazardous substance labels
Area of application
Hazardous substance labeling according to CLP/GHS regulation
Type
Diamond
Marking
Number of individual labels
9
Printing
Hazardous to the environment
Dimensions
Width
25 mm
Height
25 mm
Length
25 mm
Diameter
0.00 mm
Text field
Text field width
25 mm
Text field height
25 mm
Material specifications
Color
red/white
Material
Polyester
Components
Silicone-free
Environmental and real-life conditions
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Wipe resistance of inscriptions
DIN EN 61010-1 (VDE 0411-1):2011-07
Specification
DIN EN 62208 (VDE 0660-511):2012-06 (in parts)
Ambient conditions
Ambient temperature (operation)
-40 °C ... 150 °C
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 % (Storage in a dry and dark place in the original packaging is
recommended)
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
PML-GHS109 (25X25) - Hazardous substances label
1014286
https://www.phoenixcontact.com/us/products/1014286
May 13, 2025, 7:39AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com