Electronic Components Datasheet Search
  English  ▼

X  

AD45336 Datasheet(PDF) 11 Page - Analog Devices

Part # AD45336
Description  32-Channel, High Voltage, Matched Precision Resistor Divider
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD45336 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD45336 Datasheet HTML 3Page - Analog Devices AD45336 Datasheet HTML 4Page - Analog Devices AD45336 Datasheet HTML 5Page - Analog Devices AD45336 Datasheet HTML 6Page - Analog Devices AD45336 Datasheet HTML 7Page - Analog Devices AD45336 Datasheet HTML 8Page - Analog Devices AD45336 Datasheet HTML 9Page - Analog Devices AD45336 Datasheet HTML 10Page - Analog Devices AD45336 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Data Sheet
AD45336
OUTLINE DIMENSIONS
©2024-2025 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. A | 11 of 11
COMPLIANT TO JEDEC STANDARDS MS-026-BED
TOP VIEW
(PINS DOWN)
1
25
26
51
50
75
76
100
0.50
BSC
LEAD PITCH
0.27
0.22
0.17
1.60 MAX
0.75
0.60
0.45
VIEW A
PIN 1
1.45
1.40
1.35
0.15
0.05
0.20
0.09
0.08
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
7°
3.5°
0°
14.20
14.00 SQ
13.80
16.20
16.00 SQ
15.80
Figure 8. 100-Lead Low Profile Quad Flat Package [LQFP]
(ST-100-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
AD45336KSTZ
−10°C to +85°C
100-Lead Low Profile Quad Flat Package [LQFP]
Tray, 90
ST-100-1
AD45336KSTZ-RL
−10°C to +85°C
100-Lead Low Profile Quad Flat Package [LQFP]
Reel, 1000
ST-100-1
1 Z = RoHS-Compliant Part.
EVALUATION BOARDS
Table 5. Evaluation Boards
Model1
Model
EVAL-AD45336EBZ
Evaluation Board
1 Z = RoHS-Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com