Electronic Components Datasheet Search
  English  ▼

X  

AD45336 Datasheet(PDF) 3 Page - Analog Devices

Part # AD45336
Description  32-Channel, High Voltage, Matched Precision Resistor Divider
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD45336 Datasheet(HTML) 3 Page - Analog Devices

  AD45336 Datasheet HTML 1Page - Analog Devices AD45336 Datasheet HTML 2Page - Analog Devices AD45336 Datasheet HTML 3Page - Analog Devices AD45336 Datasheet HTML 4Page - Analog Devices AD45336 Datasheet HTML 5Page - Analog Devices AD45336 Datasheet HTML 6Page - Analog Devices AD45336 Datasheet HTML 7Page - Analog Devices AD45336 Datasheet HTML 8Page - Analog Devices AD45336 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Data Sheet
AD45336
SPECIFICATIONS
analog.com
Rev. A | 3 of 11
HVINx to COM = 175 V (where x is 0 to 31), and TA = 25°C for all typical specifications, unless otherwise noted. All specification are design
targets; final values are determined post device characterization.
Table 1. Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RESISTANCE
Top x Resistor (RTx)1
5.1
MΩ
Bottom x Resistor (RBx)1
100
kΩ
CHANNEL DIVISION
51.986
52
52.014
INPUT VOLTAGE1
HVINx to COM
225
V
Across Any HVINx to HVINx Pins
225
V
CONTINUOUS CURRENT2
55
µA
Per channel
RESISTOR-MATCHING RATIO DRIFT
Long-Term2
±10
±100
ppm
Per channel, 70°C for 1000 hours
Temperature
−0.2
ppm/°C
Per channel
TA
−10
+85
°C
1 Where x is 0 to 31.
2 Guaranteed by design and characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com