Electronic Components Datasheet Search
  English  ▼

X  

ADBMS6822 Datasheet(PDF) 1 Page - Analog Devices

Part # ADBMS6822
Description  Single/Dual isoSPI Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS6822 Datasheet(HTML) 1 Page - Analog Devices

  ADBMS6822 Datasheet HTML 1Page - Analog Devices ADBMS6822 Datasheet HTML 2Page - Analog Devices ADBMS6822 Datasheet HTML 3Page - Analog Devices ADBMS6822 Datasheet HTML 4Page - Analog Devices ADBMS6822 Datasheet HTML 5Page - Analog Devices ADBMS6822 Datasheet HTML 6Page - Analog Devices ADBMS6822 Datasheet HTML 7Page - Analog Devices ADBMS6822 Datasheet HTML 8Page - Analog Devices ADBMS6822 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Data Sheet
ADBMS6821/ADBMS6822
Single/Dual isoSPI Transceiver
Rev. B
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Up to 2 Mbps isolated bidirectional serial data communications
►
Drop in compatible: single (ADBMS6821) and dual
(ADBMS6822)
►
Fully independent dual transceivers (ADBMS6822)
►
Simple galvanic isolation using capacitors or transformers
►
Bidirectional interface over a single twisted pair
►
Supports cable lengths up to 100 meters
►
Very low EMI susceptibility and emissions
►
LPCM support for ADBMS battery monitors
►
Interrupt output for LPCM system wake-up
►
4 Mbps unidirectional mode
►
Requires no software changes in most SPI systems
►
Ultra-low idle current
►
Automatic interface wake-up detection
►
Operating temperature range: −40°C to +125°C
►
3.0 V to 5.5 V isoSPI driver power supply
►
1.7 V to 5.5 V interface to microcontrollers
►
3.0 V to 30 V input for powering wake-up and monitoring func-
tions (12 V battery compatible)
►
Available in 32-lead, side solderable LFCSP package
►
AEC-Q100 qualified for automotive applications
APPLICATIONS
►
Electric and hybrid electric vehicles
►
Backup battery systems
►
Industrial networking
►
Remote sensors
TYPICAL APPLICATION CIRCUIT
A typical application of the ADBMS6822 in a system with the
ADBMS6815 battery monitor is shown in Figure 1.
Figure 1. Typical Application Circuit
GENERAL DESCRIPTION
The ADBMS68211 (single) and ADBMS68221 (dual) provide bidir-
ectional isolated serial-port interface (isoSPI™) communications
between two isolated devices through a single twisted pair connec-
tion for each data link. Each transceiver encodes logic states into
signals that are transmitted across an isolation barrier to another
transceiver. The receiving device decodes the transmission and
drives the peripheral bus to the appropriate logic states. The isola-
tion barrier can be bridged by capacitors or by a pulse transformer
to achieve hundreds of volts of isolation.
The ADBMS6821/ADBMS6822 transceivers drive differential sig-
nals using matched source and sink currents, which eliminate
the requirement for a transformer center tap and reducing electro-
magnetic interference (EMI). Precision window comparators in the
receiver detect the differential signals.
The transceivers can be paired with advanced ADBMS stack moni-
tors to enable cell voltage and sensor monitoring even while the
system controller is powered down (low-power cell monitoring, or
LPCM). The transceivers provide a timeout function that wakes up
or alerts the system when a pass heartbeat message has not been
received in the programmed time period.
Throughout this data sheet, all pin names refer to both transceivers
on the ADBMS6822. For example, VDD refers to both VDD and
VDD2.
1 Protected by U.S. patents, including 8,908,779.


Similar Part No. - ADBMS6822

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADBMS6822 AD-ADBMS6822 Datasheet
176Kb / 2P
Single/Dual isoSPI Transceiver
Rev. Sp0
More results

Similar Description - ADBMS6822

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT7005 AEROFLEX-ACT7005 Datasheet
452Kb / 29P
ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
logo
Texas Instruments
SN74AVCH1T45 TI-SN74AVCH1T45 Datasheet
427Kb / 21P
SINGLE BIT DUAL SUPPLY BUS TRANSCEIVER
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Linear Technology
LTC6820 LINER-LTC6820_15 Datasheet
491Kb / 30P
isoSPI Isolated Communications Interface
logo
Texas Instruments
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1_14 Datasheet
761Kb / 21P
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Linear Technology
LTC6812-1 LINER-LTC6812-1 Datasheet
636Kb / 20P
Daisy Chain isoSPI Battery-Stack Monitor
logo
Realtek Semiconductor C...
RTL8212-GR REALTEK-RTL8212-GR Datasheet
869Kb / 66P
INTEGRATED 10/100/1000 SINGLE/DUAL GIGABIT ETHERNET TRANSCEIVER
RTL8212-GR REALTEK-RTL8212-GR_07 Datasheet
1,009Kb / 68P
INTEGRATED 10/100/1000 SINGLE/DUAL GIGABIT ETHERNET TRANSCEIVER
logo
ON Semiconductor
NCV7422 ONSEMI-NCV7422 Datasheet
290Kb / 12P
LIN Transceiver, Dual
August, 2019 ??Rev. 0
logo
Analog Devices
ADBMS6821 AD-ADBMS6821 Datasheet
176Kb / 2P
Single/Dual isoSPI Transceiver
Rev. Sp0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com