Electronic Components Datasheet Search
  English  ▼

X  

ADBMS6822 Datasheet(PDF) 25 Page - Analog Devices

Part # ADBMS6822
Description  Single/Dual isoSPI Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS6822 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADBMS6822 Datasheet HTML 20Page - Analog Devices ADBMS6822 Datasheet HTML 21Page - Analog Devices ADBMS6822 Datasheet HTML 22Page - Analog Devices ADBMS6822 Datasheet HTML 23Page - Analog Devices ADBMS6822 Datasheet HTML 24Page - Analog Devices ADBMS6822 Datasheet HTML 25Page - Analog Devices ADBMS6822 Datasheet HTML 26Page - Analog Devices ADBMS6822 Datasheet HTML 27Page - Analog Devices ADBMS6822 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
ADBMS6821/ADBMS6822
THEORY OF OPERATION
analog.com
Rev. B | 25 of 28
Average
 LPCM Supply Current=IVPLSTN+
IVDD/VPRDY_LPCM×1ms/Heartbeat
 Period (1)
Thus, for instance, when VP = 12 V, VDD = 0 V, and heartbeat
period = 1 sec, the average LPCM supply current is approximately
12 µA.
SPI PINS DURING LPCM
When the MSTR pin transitions low to begin LPCM operation, the
CS, SCK, and PICO pins of the transceiver cease to operate as
input pins and begin to operate as low impedance output pins. The
POCI pin ceases to operate as a low impedance output pin and
begins to operate as an input pin, which can cause contention if
the VDDS supply remains powered and the attached microcontrol-
ler continues to drive the CS, SCK, and PICO pins. To prevent
contention on these pins, disable the VDDS supply or stop the
microcontroller from driving these pins before driving the MSTR pin
low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com