Electronic Components Datasheet Search
  English  ▼

X  

TO-3 Datasheet(PDF) 2 Page - Multicomp Pro

Part # TO-3
Description  Transistor NPN, TO-3
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

TO-3 Datasheet(HTML) 2 Page - Multicomp Pro

  TO-3 Datasheet HTML 1Page - Multicomp Pro TO-3 Datasheet HTML 2Page - Multicomp Pro TO-3 Datasheet HTML 3Page - Multicomp Pro TO-3 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page <2>
V1.0
16/09/19
Transistor
NPN, TO-3
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Characteristic
Symbol
Min.
Max.
Unit
Off Characteristics
Collector-Emitter Sustaining Voltage (1)
(lC = 200mA, lB = 0)
IEO (sus)
60
-
V
Collector-Base Sustaining Voltage (1)
(Ic = 200mA, Rbe = 100Ω)
VCER(sus)
70
-
Collector Cut off Current
(VCE = 30V, IB = 0)
ICEO
-
0.7
mA
Collector Cut off Current
(VCE = 100V, VBE (off) = 1.5V)
(VCE = 100V, VBE (off) = 1.5V, TC = 150°C)
ICEX
-
1
5
Emitter Cut off Current
(VEB = 7V, IC = 0 )
IEBO
-
5
Electrical Characteristics (TC = 25°C unless otherwise noted)
On Characteristic (1)
DC Current Gain
(lC = 4A, VCE = 4V)
(lC = 10A, VCE = 4V)
hfe
20
5
70
-
Collector-Emitter Saturation Voltage
(lC = 4A, IB = 0.4A)
(lC = 10A, IB = 3.3A)
Vce (sat)
-
1.1
3
V
Base-Emitter On Voltage
(lC = 4A, VCE = 4V)
Vbe (sat)
-
1.5
Dynamic Characteristics
Current Gain - Bandwidth Product (2)
(lc = 500mA,Vce = 10V, f = 1MHz)
ft
2.5
-
MHz
Small-Signal Current Gain
(lC = 1A, VCE = 4V DC, f = 1 MHz)
hfe
15
120
-
Second Breakdown Characteristics
(1). Pulse Test: Pulse Width = 300μs, Duty Cycle ≤ 2%.
(2). ft = |hfe| . ftest



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com