Electronic Components Datasheet Search
  English  ▼

X  

TO-3 Datasheet(PDF) 1 Page - Multicomp Pro

Part # TO-3
Description  Transistor NPN, TO-3
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

TO-3 Datasheet(HTML) 1 Page - Multicomp Pro

  TO-3 Datasheet HTML 1Page - Multicomp Pro TO-3 Datasheet HTML 2Page - Multicomp Pro TO-3 Datasheet HTML 3Page - Multicomp Pro TO-3 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page <1>
V1.0
16/09/19
Transistor
NPN, TO-3
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features:
• Power dissipation - Pd = 115W at Tc = 25°C
• DC current gain hFE = 20 ~ 70 at Ic = 4A
• VCE(Sat) = 1.1V (max.) at Ic = 4A, IB = 400mA
• Designed for use in general-purpose amplifier and switching applications
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
Vceo
60
V
Collector-Emitter Voltage
Vcex
70
Collector-Base Voltage
Vcbo
100
Emitter-Base Voltage
Vebo
7
Collector Current-Continuous
Ic
15
A
Base Current
Ib
7
Total Device Dissipation at TC = 25°C Derate above 25°C
Pd
115
0.657
W
W/°C
Operating and Storage Junction Temperature Range
Tj, Tstg
-65 to +150
°C
Maximum Ratings
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
1.52
°C/W
Thermal Characteristics


Similar Part No. - TO-3

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
TO-3 CDIL-TO-3 Datasheet
151Kb / 3P
Hermetically Sealed Metal Can Package TO-18
logo
Vectron International, ...
TO-300 VECTRON-TO-300 Datasheet
45Kb / 2P
TO-300
logo
List of Unclassifed Man...
TO-3228BC ETC-TO-3228BC Datasheet
122Kb / 2P
IC compatible
REV.A-1
TO-3228BC-MRPBFGF ETC-TO-3228BC-MRPBFGF Datasheet
122Kb / 2P
IC compatible
REV.A-1
logo
Shenzhen Luguang Electr...
TO-39 LUGUANG-TO-39 Datasheet
314Kb / 4P
SAW resonator
More results

Similar Description - TO-3

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3632-Z NEC-2SC3632-Z Datasheet
270Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR MP-3
2SD1164-Z NEC-2SD1164-Z Datasheet
228Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR MP-3
logo
NXP Semiconductors
BFG17A PHILIPS-BFG17A Datasheet
60Kb / 9P
NPN 3 GHz wideband transistor
1995 Sep 12
BFS17A PHILIPS-BFS17A Datasheet
43Kb / 6P
NPN 3 GHz wideband transistor
September1995
logo
Tiger Electronic Co.,Lt...
MPSA06 TGS-MPSA06 Datasheet
844Kb / 3P
TO-92 Transistor (NPN)
logo
List of Unclassifed Man...
BC547B ETC1-BC547B Datasheet
211Kb / 3P
Transistor, NPN, TO-92
logo
Quanzhou Jinmei Electro...
BFS17A_2015 JMNIC-BFS17A_2015 Datasheet
43Kb / 6P
NPN 3 GHz wideband transistor
BFS17A JMNIC-BFS17A_15 Datasheet
43Kb / 6P
NPN 3 GHz wideband transistor
logo
Shenzhen Luguang Electr...
2SD667 LUGUANG-2SD667 Datasheet
791Kb / 3P
TO-92L Transistor (NPN)
Revision:20170701-P1
logo
List of Unclassifed Man...
TO-92 ETC-TO-92_V01 Datasheet
209Kb / 3P
NPN Transistor TO-92
17/09/19 V1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com