Electronic Components Datasheet Search
  English  ▼

X  

116CP Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # 116CP
Description  PRESSURE SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

116CP Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  116CP Datasheet HTML 1Page - Sensata Technologies, Inc. 116CP Datasheet HTML 2Page - Sensata Technologies, Inc. 116CP Datasheet HTML 3Page - Sensata Technologies, Inc. 116CP Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
sensata.com
Page 3
Copyright © 2024 Sensata Technologies, Inc.
Family
116: (5VDC Ratiometric)
126: (5VDC Ratiometric, Drinking Water Safe)
Family
CP: Ceramic Capacitive Pressure (APT)
Port
2: Quick Connect Type 1(3)
3: G1/4 Thread
4: G3/8 Thread
5: Quick Connect Type 2(3)
6: Quick Connect Type 3 with no parting line at o-ring seal
Connector
1: (RAST 2.5 3 Pin)
2: (RAST 2.5 4 Pin)
3: (RAST 2.5 3 Pin Alternate)
Pressure
Bar: PSI
M04: 060
M06: 090
M10: 150
M16: 230
MXX: YYY
Pressure Reference
S: (Sealed Gauge)
Span
1: 1.125-3.6V (≥ 5 Bar)
2: 0.5-3.5V (≥ 6 Bar)
3: 0.5-4.5V (≥ 8 Bar)
4: 0.5-2.75V (≥ 5 Bar)
5: 0.5-2.5V (≥ 4 Bar)
6 0.5-4.25V (≥ 8 Bar)
Special Requirement
50: (Standard)
51+: (Application Dependent)
ORDERING OPTIONS
Example : 116CP21-M04S2-50
116
-
CP
-
2
-
1
-
M04
-
S
-
2
-
50
5VDC ratiometric output, ceramic capacitive pressure sensing, quick connect type 1, RAST
2.5 3 position connector, 4 bar sealed gauge pressure, 0.5-3.5 voltage output, standard
requirements
(3)
Only available in 116CP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com