Electronic Components Datasheet Search
  English  ▼

X  

116CP Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # 116CP
Description  PRESSURE SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

116CP Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  116CP Datasheet HTML 1Page - Sensata Technologies, Inc. 116CP Datasheet HTML 2Page - Sensata Technologies, Inc. 116CP Datasheet HTML 3Page - Sensata Technologies, Inc. 116CP Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
sensata.com
Page 2
Copyright © 2024 Sensata Technologies, Inc.
Proof Pressure
2xFS (1)
Burst Pressure
3xFS (1)
Random Vibration
DIN IEC 60068-2-27: 5G (2-2kHz)
Mechanical Shock
DIN IEC 60068-2-6: 40G1/2 HL SINE
Drop (any Axis)
1m
Medium
Water*
Electrical Connection
RAST 2.5 (see ordering options)
Pressure Connection
G
⅜, G¼, quick connect (see configurations below and ordering options)
Pressure Reference
Sealed Gauge (1bar)
Total Error Band Accuracy
+/-1.5%V
S (typical)
(2)
Operating Temperature
2° to 90°C
Storage Temperature
-40° to 115°C
Physical
Performance
Dimensions in mm
DIMENSIONS
G 1/4 Thread
Quick Connect Type 2 and Type 3
Quick Connect Type 1
G 3/8 Thread
(1)
FS (Pressure) = Pmax – Pmin
*Other Media available upon consultation with Sensata
(2)
Vs = Supply Voltage
116CPXX-XXXXX-X
XYYY
+5V
GND
OUT
PART NUMBER
DATE CODE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com