Electronic Components Datasheet Search
  English  ▼

X  

BMM150 Datasheet(PDF) 36 Page - Bosch Sensortec GmbH

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMM150 Datasheet(HTML) 36 Page - Bosch Sensortec GmbH

Back Button BMM150 Datasheet HTML 32Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 33Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 34Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 35Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 36Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 37Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 38Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 39Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 40Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 36
BST-BMM150-DS001-05 | Revision 1.4 | April 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
CSB
SCK
SDI
RW
AD6 AD5 AD4 AD3 AD2 AD1 AD0
DI5
DI4
DI3
DI2
DI1
DI0
DI7
DI6
Figure 12: 3-wire basic SPI read or write sequence (mode “11”)
6.2 Inter-Integrated Circuit (I²C)
The I²C bus uses SCL (= SCK pin, serial clock) and SDA (= SDI pin, serial data input and output)
signal lines. Both lines are connected to VDDIO externally via pull-up resistors so that they are
pulled high when the bus is free.
The I²C interface of the BMM150 is compatible with the I²C Specification UM10204 Rev. 03 (19
June 2007), available at http://www.nxp.com. The BMM150 supports I²C standard mode and fast
mode, only 7-bit address mode is supported.
The default I²C address of the BMM150 is 0x10. The five MSB are hardwired to “00100”. In order
to prevent bus conflicts bit0 can be inverted by setting ‘1’ to SDO, and the bit 1 can be inverted
by setting ‘1’ to the CSB line according to below Table:
Table 30: BMM150 I²C addresses
CSB pin
SDO pin
I²C address
GND
GND
0x10
GND
VDDIO
0x11
VDDIO
GND
0x12
VDDIO
VDDIO
0x13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com