Electronic Components Datasheet Search
  English  ▼

X  

BMM150 Datasheet(PDF) 48 Page - Bosch Sensortec GmbH

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMM150 Datasheet(HTML) 48 Page - Bosch Sensortec GmbH

Back Button BMM150 Datasheet HTML 44Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 45Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 46Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 47Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 48Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 49Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 50Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 51Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 52Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 48
BST-BMM150-DS001-05 | Revision 1.4 | April 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
8.4 Landing pattern recommendation
For the design of the landing pattern, we recommend the following dimensioning:
E1
D2
D4
E5
C5
A5
B4
C1
A1
B2
0.4
0.4
0.2
0.283
0.283
0.745
0.815
1.56
0.035
A3
E3
Figure 24: Landing patterns relative to the device pins, dimensions are in mm
Note: Recommended thickness of solder paste is 100µm.
The land pattern depicted in Figure 24 may be used similarly for PCBs designed with NSMD as
well as SMD process.
For the NSMD process, landing dimensions as in Figure 24 should be defined in the metal layer
while the solder mask openings should be larger than the defined metal pads.
In case of SMD process, land dimensions should be defined by solder mask which openings are
smaller than underlying metal pads.
Land Pattern is presented as guideline; designer should always use their own experience. Choice
between SMD and NSMD is determined by customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com