Electronic Components Datasheet Search
  English  ▼

X  

BMP280 Datasheet(PDF) 15 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 15 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 19Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
Bosch Sensortec | BMP280 Data sheet
15 |
49
Modifications reserved | Data subject to change without notice
Document number: BST-BMP280-DS001-26 Revision_1.26_102021
3.5
Noise
Noise depends on the oversampling and filter settings selected. The stated values were determined in
a controlled pressure environment and are based on the average standard deviation of 32 consecutive
measurement points taken at highest sampling speed. This is needed in order to exclude long term
drifts from the noise measurement.
Table 8: Noise in pressure
Typical RMS noise in pressure [Pa]
Oversampling setting
IIR filter coefficient
off
2
4
8
16
Ultra low power
3.3
1.9
1.2
0.9
0.4
Low power
2.6
1.5
1.0
0.6
0.4
Standard resolution
2.1
1.2
0.8
0.5
0.3
High resolution
1.6
1.0
0.6
0.4
0.2
Ultra high resolution
1.3
0.8
0.5
0.4
0.2
Table 9: Noise in temperature
Typical RMS noise in temperature [°C]
Temperature oversampling
IIR filter off
oversampling ×1
0.005
oversampling ×2
0.004
oversampling ×4
0.003
oversampling ×8
0.003
oversampling ×16
0.002
3.6
Power modes
The BMP280 offers three power modes: sleep mode, forced mode and normal mode. These can be
selected using the mode[1:0] bits in control register 0xF4.
Table 10: mode settings
mode[1:0]
Mode
00
Sleep mode
01 and 10
Forced mode
11
Normal mode
3.6.1
Sleep mode
Sleep mode is set by default after power on reset. In sleep mode, no measurements are performed
and power consumption (IDDSM) is at a minimum. All registers are accessible; Chip-ID and
compensation coefficients can be read.
3.6.2
Forced mode
In forced mode, a single measurement is performed according to selected measurement and filter
options. When the measurement is finished, the sensor returns to sleep mode and the measurement
results can be obtained from the data registers. For a next measurement, forced mode needs to be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com