Electronic Components Datasheet Search
  English  ▼

X  

BMP280 Datasheet(PDF) 47 Page - Bosch Sensortec GmbH

Part # BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Datasheet(HTML) 47 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 41Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 42Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 43Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 44Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 45Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 46Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 47Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 48Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 49Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
Bosch Sensortec | BMP280 Data sheet
47 |
49
Modifications reserved | Data subject to change without notice
Document number: BST-BMP280-DS001-26 Revision_1.26_102021
10. Document history and modification
Rev. No
Chapter
Description of modification/changes
Date
0.1
Document creation
2012-08-06
1.0
9.2
Change of product use
2013-11-26
Table 2
Update of min/max data (only for restricted
version)
Added comment on the sampling rate
1.1
1, 3.3.1
Changed value for resolution, values for
osrs_p settings changed
2014-02-10
5.2
Changed sentence and added drawing
2014-02-18
3.7
Added max values for current consumption
2014-05-08
1.11
4.5.3
Modified write in normal mode
2014-06-25
5.2
Modified SDI/SCK ESD drawing
1.12
1
Changed min/max values for standby current,
only valid for 25 °C
2014-07-12
Table 1
Pressure resolution 0.16Pa
2014-07-12
1.13
Page 2
New technical reference codes added
2014-11-12
7.3
New details about laser marking added
1.14
Table 6
Changed contents of table
2015-05-04
Page 1
Removed TRC 0 273 300 354 & 0273 300
391
Page 44
Updated RoHS directive to 2011/65/EU
effective 8 June 2011
2015-05-07
1.15
Page 2, 3
Modified target devices, applications
2015-10-15
1.16
Special customer-only
2016-01-28
1.17
7.3
Added all available TRC
2016-06-07
1.18
7.3
New marking
2016-11-02
1.19
Page 1
Update of technical reference code
2018-01-08
1.20
4.3.7
Modified typo in table header
2018-04-25
1.21
Template update
2018-09-17
1.22
9
Update of legal disclaimer
2019-11-07
1.23
9
Update disclaimer
2020-11-20
1.24
7.3
7.7
Updated marking
Update Environmental safety
2021-07-12
1.25
Page 1
Added ordering code
2021-09-28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com