Electronic Components Datasheet Search
  English  ▼

X  

AX88772A Datasheet(PDF) 31 Page - ASIX Electronics Corporation

Part # AX88772A
Description  USB 2.0 to 10/100M Fast Ethernet Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772A Datasheet(HTML) 31 Page - ASIX Electronics Corporation

Back Button AX88772A Datasheet HTML 27Page - ASIX Electronics Corporation AX88772A Datasheet HTML 28Page - ASIX Electronics Corporation AX88772A Datasheet HTML 29Page - ASIX Electronics Corporation AX88772A Datasheet HTML 30Page - ASIX Electronics Corporation AX88772A Datasheet HTML 31Page - ASIX Electronics Corporation AX88772A Datasheet HTML 32Page - ASIX Electronics Corporation AX88772A Datasheet HTML 33Page - ASIX Electronics Corporation AX88772A Datasheet HTML 34Page - ASIX Electronics Corporation AX88772A Datasheet HTML 35Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
ASIX ELECTRONICS CORPORATION
31
AX88772A/AX88172A
Low-pin-count
USB 2.0 to 10/100M Fast Ethernet Controller
9.4.5
Station Management Timing
Th
Ts
Tod
Tclk
Tcl
Tclk
Tcl
Tch
Tch
MDC
MDIO(asOUTPUT)
MDIO(asINPUT)
MAC mode with MII: MDC=Output
Symbol
Description
Min
Typ
Max
Unit
Tclk
MDC clock cycle time
-
640
-
ns
Tch
MDC clock high time
-
320
-
ns
Tcl
MDC clock low time
-
320
-
ns
Tod
MDC clock rising edge to MDIO output delay
0.5
-
-
Tclk
Ts
MDIO data input setup time
125
-
-
ns
Th
MDIO data input hold time
0
-
-
ns
PHY/Dual-PHY mode with Reverse-MII/RMII: MDC=Input
Symbol
Description
Min
Typ
Max
Unit
Tclk
MDC clock cycle time
-
320
-
ns
Tch
MDC clock high time
-
160
-
ns
Tcl
MDC clock low time
-
160
-
ns
Tod
MDC clock rising edge to MDIO output delay
0
-
300
ns
Ts
MDIO data input setup time
10
-
-
ns
Th
MDIO data input hold time
10
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com