Electronic Components Datasheet Search
  English  ▼

X  

AX88772A Datasheet(PDF) 33 Page - ASIX Electronics Corporation

Part # AX88772A
Description  USB 2.0 to 10/100M Fast Ethernet Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772A Datasheet(HTML) 33 Page - ASIX Electronics Corporation

Back Button AX88772A Datasheet HTML 29Page - ASIX Electronics Corporation AX88772A Datasheet HTML 30Page - ASIX Electronics Corporation AX88772A Datasheet HTML 31Page - ASIX Electronics Corporation AX88772A Datasheet HTML 32Page - ASIX Electronics Corporation AX88772A Datasheet HTML 33Page - ASIX Electronics Corporation AX88772A Datasheet HTML 34Page - ASIX Electronics Corporation AX88772A Datasheet HTML 35Page - ASIX Electronics Corporation AX88772A Datasheet HTML 36Page - ASIX Electronics Corporation AX88772A Datasheet HTML 37Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
ASIX ELECTRONICS CORPORATION
33
AX88772A/AX88172A
Low-pin-count
USB 2.0 to 10/100M Fast Ethernet Controller
9.4.7
Reverse-RMII Timing
T ref_rh
Tref_rs
Tref_c lk
Tref_c l
Tref_c lk
Tref_c l
Tref_ch
Tref_ch
REFCLK_I
RXD[1:0]
CRSDV
Symbol
Description
Min
Typ
Max
Unit
Tref_clk
Clock cycle time
-
20.0
-
ns
Tref_ch
Clock high time
-
10.0
-
ns
Tref_cl
Clock low time
-
10.0
-
ns
Tref_rs
RXD [1:0], CRSDV setup to rising
REFCLK_I
4.0
-
-
ns
Tref_rh
RXD [1:0], CRSDV hold from rising
REFCLK_I
2.0
-
-
ns
T ref_th
Tref_ts
Tref_c lk
Tref_c l
Tref_c lk
Tref_c l
Tref_ch
Tref_ch
REFCLK_I
TXD[1:0]
TXEN
Symbol
Description
Min
Typ
Max
Unit
Tref_ts
TXD [1:0], TXEN setup to rising
REFCLK_I
4.0
-
-
ns
Tref_th
TXD [1:0], TXEN hold from rising
REFCLK_I
2.0
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com