Electronic Components Datasheet Search
  English  ▼

X  

AX88196BLF Datasheet(PDF) 66 Page - ASIX Electronics Corporation

Part # AX88196BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller with MII Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196BLF Datasheet(HTML) 66 Page - ASIX Electronics Corporation

Back Button AX88196BLF Datasheet HTML 62Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 63Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 64Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 65Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 66Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 67Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 68Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 69Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 70Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 86 page
background image
ASIX ELECTRONICS CORPORATION
66
AX88196BLF
Device and system components
This is the total power consumption of Ethernet connectivity solution, which includes external components
supporting the AX88196B Ethernet controller as shown in the schematic as below.
Power measurements base on 3.3V/25 °C condition.
Item
Test Conditions
Total Power
(Typical)
Units
1
10BASE-T operation
462
mW
2
100BASE-TX operation
495
mW
3
Cable unplug and non power saving mode
587
mW
4
D1 power saving mode at 10BASE-T Link
448
mW
5
D1 power saving mode at 100BASE-TX Link
468
mW
6
PHY power down
140
mW
7
D2 power saving mode
0.9
mW
C17
0.1uF
C20
0.1uF
C8
0.1uF
U2
93C46
CS
1
SK
2
DI
3
DO
4
GND
5
NC
6
NC
7
VCC
8
R11
1M
C11
0.1uF
D3
ORANGE LED
R8
12.1K 1%
PME
RESETn
RESETn
AX88196BLF
ASIX
U1
AX88196BLF
SA2
76
SA1
77
NC
78
SA0
79
NC
80
AEN,PSEN
81
NC
82
CSn
83
NC
84
RDn
85
WRn
86
IOIS16
87
TCLK
88
TEST_CK_EN
89
GND
90
NC
91
VCCK
92
NC
93
VCC18A
94
NC
95
XTALIN
96
NC
97
XTALOUT
98
NC
99
GND18A
100
SD8
50
SD9
49
SD10
48
SD11
47
SD12
46
SD13
45
SD14
44
SD15
43
CRS
42
COL
41
GND
40
VCC3IO
39
VCCK
38
IREQ
37
PME
36
EECS
35
EECK
34
EEDIO
33
RXD0
32
RXD1
31
RXD2
30
RXD3
29
GND
28
RSTn
27
I_FULL/COL
26
J1
HEADER 1
C13
1uF
R5
49.9
C19
0.1uF
R3
330
IRQ
C21
10uF
RDn
CSn
IRQ
WRn
PME
R2
330
VCC33
VCC33
VCC3A3
VCC18
VCC18
VCC18A
VCC3IO
SD[0..15]
SA[0..4]
VCC3R3
C25
0.1uF
R12
4.7K
R6
49.9
C15
0.1uF
C9
0.1uF
EECS
L2
F.B.
EEDIO
EEDIO
EECK
C16
0.1uF
C23
0.1uF
L3
F.B.
D1
GREEN LED
R13
4.7K
C1
0.1uF
R1
4.7K
R7
1M
C3
C10
0.1uF
C2
C14
0.1uF
R10
49.9
+ C4
22uF/16V
C22
0.1uF
L4
F.B.
D2
YELLOW LED
C12
0.1uF
L1
F.B.
Y1
25.000MHZ
R9
49.9
R4
330
CON1
LU1S041X
TX+
1
TX-
2
CT
3
NC
4
NC
5
NC
6
RX+
7
RX-
8
Option
C26
0.1uF
C7
0.1uF
C6
0.1uF
VCC33
VCC33
LINK
FULL
SPEED
GND
VCC33
VCC33
GND
RESETn
FULL
EECS
EECK
EEDIO
VCC18
IRQ
PME
GND
GND
VCC3IO
SD13
SD14
SD15
SD11
SD12
SD8
SD9
SD10
VCC18A
GND
GND
VCC18
CSn
RDn
WRn
SA1
SA0
SA2
VCC33
VCC33
AEN
C5
10uF
C18
10uF
VCC3A3
TPO+
TPI-
TPI+
TPO-
C24
10uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com