Electronic Components Datasheet Search
  English  ▼

X  

AX88196BLF Datasheet(PDF) 78 Page - ASIX Electronics Corporation

Part # AX88196BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller with MII Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196BLF Datasheet(HTML) 78 Page - ASIX Electronics Corporation

Back Button AX88196BLF Datasheet HTML 74Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 75Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 76Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 77Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 78Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 79Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 80Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 81Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 82Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 86 page
background image
ASIX ELECTRONICS CORPORATION
78
AX88196BLF
Appendix A1: MCS51-like (8-bit)
An example, AX88196B’s bus setting as MCS-51 mode. (Two external pull-up resister connect to EECS and
EECK)
Read
Write
Host Addr
A[5:0]
SD[15:8]
SD[7:0]
AX88196B
CSR Offset
Host Addr
A[5:0]
SD[15:8]
SD[7:0]
AX88196B
CSR Offset
0
Offset 1
Offset 0
0
0
no effect
To Offset 0
0
1
Offset 1
Offset 1
1
1
no effect
To Offset 1
1
2
Offset 3
Offset 2
2
2
no effect
To Offset 2
2
3
Offset 3
Offset 3
3
3
no effect
To Offset 3
3
4
Offset 5
Offset 4
4
4
no effect
To Offset 4
4
5
Offset 5
Offset 5
5
5
no effect
To Offset 5
5
6
Offset 7
Offset 6
6
6
no effect
To Offset 6
6
7
Offset 7
Offset 7
7
7
no effect
To Offset 7
7
8
Offset 9
Offset 8
8
8
no effect
To Offset 8
8
9
Offset 9
Offset 9
9
9
no effect
To Offset 9
9
A
Offset B
Offset A
A
A
no effect
To Offset A
A
B
Offset B
Offset B
B
B
no effect
To Offset B
B
C
Offset D
Offset C
C
C
no effect
To Offset C
C
D
Offset D
Offset D
D
D
no effect
To Offset D
D
E
Offset F
Offset E
E
E
no effect
To Offset E
E
F
Offset F
Offset F
F
F
no effect
To Offset F
F
10
(DP)
(DP)
(DP)
10
no effect
(DP)
(DP)
11
X
X
X
11
X
X
X
12
Offset 13
Offset 12
12
12
no effect
To Offset 12
12
13
Offset 13
Offset 13
13
13
no effect
To Offset 13
13
14
Offset 15
Offset 14
14
14
no effect
To Offset 14
14
15
Offset 15
Offset 15
15
15
no effect
To Offset 15
15
16
Offset 17
Offset 16
16
16
no effect
To Offset 16
16
17
Offset 17
Offset 17
17
17
no effect
To Offset 17
17
18
Offset 19
Offset 18
18
18
no effect
To Offset 18
18
19
Offset 19
Offset 19
19
19
no effect
To Offset 19
19
1A
Offset 1B
Offset 1A
1A
1A
no effect
To Offset 1A 1A
1B
Offset 1B
Offset 1B
1B
1B
no effect
To Offset 1B 1B
1C
Offset 1D
Offset 1C
1C
1C
no effect
To Offset 1C 1C
1D
Offset 1D
Offset 1D
1D
1D
no effect
To Offset 1D 1D
1E
No effect
Offset 1E
1E
1E
no effect
To Offset 1E 1E
1F
(Reset) *1
(Reset) *1
1F
1F
no effect
To Offset 1F 1F
*1 Read offset 1Fh register will reset AX88196B
SA0
SA1
SD[15:8]
SA2
SA3
SA4
SA5/FIFO_SEL
AEN/PSEN
SD[7:0]
RDn
WRn
IRQ
A0
A1
A2
A3
A4
A5
PSEN
DATA[7:0]
RDn
WRn
INT
MCS-51
AX88196B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com