Electronic Components Datasheet Search
  English  ▼

X  

BQ2201 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ2201
Description  SRAM Nonvolatile Controller Unit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2201 Datasheet(HTML) 3 Page - Texas Instruments

  BQ2201 Datasheet HTML 1Page - Texas Instruments BQ2201 Datasheet HTML 2Page - Texas Instruments BQ2201 Datasheet HTML 3Page - Texas Instruments BQ2201 Datasheet HTML 4Page - Texas Instruments BQ2201 Datasheet HTML 5Page - Texas Instruments BQ2201 Datasheet HTML 6Page - Texas Instruments BQ2201 Datasheet HTML 7Page - Texas Instruments BQ2201 Datasheet HTML 8Page - Texas Instruments BQ2201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
Conditions
VCC
DC voltage applied on VCC relative to VSS
-0.3 to 7.0
V
VT
DC voltage applied on any pin excluding VCC
relative to VSS
-0.3 to 7.0
V
VT
≤ VCC + 0.3
TOPR
Operating temperature
0 to +70
°C
Commercial
-40 to +85
°C
Industrial “N”
TSTG
Storage temperature
-55 to +125
°C
TBIAS
Temperature under bias
-40 to +85
°C
TSOLDER
Soldering temperature
260
°C
For 10 seconds
IOUT
VOUT current
200
mA
Note:
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional opera-
tion should be limited to the Recommended DC Operating Conditions detailed in this data sheet. Expo-
sure to conditions beyond the operational limits for extended periods of time may affect device reliability.
Recommended DC Operating Conditions (TA =TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Notes
VCC
Supply voltage
4.75
5.0
5.5
V
THS = VSS
4.50
5.0
5.5
V
THS = VCC
VSS
Supply voltage
0
0
0
V
VIL
Input low voltage
-0.3
-
0.8
V
VIH
Input high voltage
2.2
-
VCC + 0.3
V
VBC1,
VBC2
Backup cell voltage
2.0
-
4.0
V
THS
Threshold select
-0.3
-
VCC + 0.3
V
Note:
Typical values indicate operation at TA = 25°C, VCC = 5V or VBC.
Oct. 1998 D
bq2201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com